Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C512 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M27C512
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M27C512 Datasheet HTML 8Page - STMicroelectronics M27C512 Datasheet HTML 9Page - STMicroelectronics M27C512 Datasheet HTML 10Page - STMicroelectronics M27C512 Datasheet HTML 11Page - STMicroelectronics M27C512 Datasheet HTML 12Page - STMicroelectronics M27C512 Datasheet HTML 13Page - STMicroelectronics M27C512 Datasheet HTML 14Page - STMicroelectronics M27C512 Datasheet HTML 15Page - STMicroelectronics M27C512 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DC and AC parameters
M27C512
12/22
Table 7.
Capacitance
Symbol
Parameter
Test Condition(1)(2)
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
1.
TA = 25°C, f = 1MHz
2.
Sampled only, not 100% tested.
Table 8.
Read mode DC characteristics
Symbol
Parameter
Test Condition(1)
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ V
IN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ V
OUT ≤ VCC
±10
µA
ICC
Supply Current
E = VIL, G = VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E > VCC – 0.2V
100
µA
IPP
Program Current
VPP = VCC
10
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –1mA
3.6
V
Output High Voltage CMOS
IOH = –100µA
VCC – 0.7V
V
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2.
Maximum DC voltage on Output is VCC +0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com