Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DT Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29F800DT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29F800DT_06 Datasheet HTML 9Page - STMicroelectronics M29F800DT_06 Datasheet HTML 10Page - STMicroelectronics M29F800DT_06 Datasheet HTML 11Page - STMicroelectronics M29F800DT_06 Datasheet HTML 12Page - STMicroelectronics M29F800DT_06 Datasheet HTML 13Page - STMicroelectronics M29F800DT_06 Datasheet HTML 14Page - STMicroelectronics M29F800DT_06 Datasheet HTML 15Page - STMicroelectronics M29F800DT_06 Datasheet HTML 16Page - STMicroelectronics M29F800DT_06 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
M29F800DT
Signal descriptions
13/53
2.0.8
Reset/Block Temporary Unprotect (RP)
The Reset/Block Temporary Unprotect pin can be used to apply a Hardware Reset to the
memory or to temporarily unprotect all Blocks that have been protected.
A Hardware Reset is achieved by holding Reset/Block Temporary Unprotect Low, VIL, for at
least tPLPX. After Reset/Block Temporary Unprotect goes High, VIH, the memory will be
ready for Bus Read and Bus Write operations after tPHEL or tRHEL, whichever occurs last.
See Section 2.0.9: Ready/Busy output (RB), Table 15: Reset/Block Temporary Unprotect
AC characteristics, and Figure 13: Reset/Block Temporary Unprotect AC waveforms for
more details.
Holding RP at VID will temporarily unprotect the protected Blocks in the memory. Program
and Erase operations on all blocks will be possible. The transition from VIH to VID must be
slower than tPHPHH.
2.0.9
Ready/Busy output (RB)
The Ready/Busy pin is an open-drain output that can be used to identify when the device is
performing a Program or Erase operation. During Program or Erase operations Ready/Busy
is Low, VOL. Ready/Busy is high-impedance during Read mode, Auto Select mode and
Erase Suspend mode.
After a Hardware Reset, Bus Read and Bus Write operations cannot begin until Ready/Busy
becomes high-impedance. See Table 15: Reset/Block Temporary Unprotect AC
characteristics, and Figure 13: Reset/Block Temporary Unprotect AC waveforms.
The use of an open-drain output allows the Ready/Busy pins from several memories to be
connected to a single pull-up resistor. A Low will then indicate that one, or more, of the
memories is busy.
2.0.10
Byte/Word Organization Select (BYTE)
The Byte/Word Organization Select pin is used to switch between the 8-bit and 16-bit Bus
modes of the memory. When Byte/Word Organization Select is Low, VIL, the memory is in 8-
bit mode, when it is High, VIH, the memory is in 16-bit mode.
2.0.11
VCC Supply Voltage
The VCC Supply Voltage supplies the power for all operations (Read, Program, Erase etc.).
The Command Interface is disabled when the VCC Supply Voltage is less than the Lockout
voltage, VLKO. This prevents Bus Write operations from accidentally damaging the data
during power up, power down and power surges. If the Program/Erase Controller is
programming or erasing during this time then the operation aborts and the memory contents
being altered will be invalid.
A 0.1µF capacitor should be connected between the VCC Supply Voltage pin and the VSS
Ground pin to decouple the current surges from the power supply. The PCB track widths
must be sufficient to carry the currents required during program and erase operations, ICC3.
2.0.12
VSS Ground
The VSS Ground is the reference for all voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com