Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65517-D-R26 Datasheet(PDF) 5 Page - EPCOS

Part # B65517-D-R26
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65517-D-R26 Datasheet(HTML) 5 Page - EPCOS

  B65517-D-R26 Datasheet HTML 1Page - EPCOS B65517-D-R26 Datasheet HTML 2Page - EPCOS B65517-D-R26 Datasheet HTML 3Page - EPCOS B65517-D-R26 Datasheet HTML 4Page - EPCOS B65517-D-R26 Datasheet HTML 5Page - EPCOS B65517-D-R26 Datasheet HTML 6Page - EPCOS B65517-D-R26 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
321 08/01
Mounting assembly for printed circuit boards
I The set comprises a terminal carrier and a yoke
I For snap-in connection
Terminal carrier
I With thread for the adjusting screw (to be combined with core version ”D“)
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Yoke
Spring yoke, made of tinned nickel silver (0,25 mm), with ground terminal
4 solder terminals
6 solder terminals
Complete mounting assembly
(4 solder terminals)
Ordering code: B65518-D2001
Complete mounting assembly
(6 solder terminals)
Ordering code: B65518-D2002
1) 1,3 hole also permissible
a) Yoke
b) Terminal carrier with 4 solder terminals
c) Terminal carrier with 6 solder terminals
FPK0056-W
2,54
1,25
Erdungspunkt
1
2
3
45
6
9,9 max.
M1,4
Gewinde-
führung für
Abgleich-
schraube
ø0,5
c
a
FPK0057-S
9,9 max.
Abgleich-
schraube
Gewinde-
führung für
M1,4
ø0,5
Erdungspunkt
2,54
2
1
a
b
M1,4
adjusting screw
Thread for
Ground
M1,4
adjusting screw
Thread for
Hole arrangement
View in mounting
direction
Hole arrangement
View in mounting
direction
Ground
B65518
Accessories
P 9
× 5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com