Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65517-D-R30 Datasheet(PDF) 4 Page - EPCOS

Part # B65517-D-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65517-D-R30 Datasheet(HTML) 4 Page - EPCOS

  B65517-D-R30 Datasheet HTML 1Page - EPCOS B65517-D-R30 Datasheet HTML 2Page - EPCOS B65517-D-R30 Datasheet HTML 3Page - EPCOS B65517-D-R30 Datasheet HTML 4Page - EPCOS B65517-D-R30 Datasheet HTML 5Page - EPCOS B65517-D-R30 Datasheet HTML 6Page - EPCOS B65517-D-R30 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
320 08/01
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 °C, 1 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400°C, 1 s
Winding:
see “Processing Notes”, page 155
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
3,4
19,2
194
4
B65524-C1004-T1
3,4
19,2
194
8
B65524-C1008-T1
In the 4-terminal version terminals 2, 3, 6 and 7 are omitted.
FPK0234-D
ø10,35±0,15
9,35+0,15
1
2
3
45
6
7
8
17,8
Empfehlung für das
Leiterplattenlayout
2,5
3,95+0,15
0,15
ø4,8 _
0,2
ø7,45 _
0,3
12,2 _
0,2
10,7 _
+0,1
0,2
16,6 _
Recommended
PCB layout
B65524
Accessories
P 9
× 5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com