Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGAT Datasheet(PDF) 2 Page - Tyco Electronics

Part # CGAT
Description  Adhesive lined polyolefin heat-shrinkable tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CGAT Datasheet(HTML) 2 Page - Tyco Electronics

  CGAT Datasheet HTML 1Page - Tyco Electronics CGAT Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CGAT
7/95
RI0020.1299
All of the above information, including illustrations, is believed to be reliable. Users, however, should independently evaluate the suitability of each product for their
application. Tyco Electronics makes no warranties as to the accuracy or completeness of the information and disclaims any liability regarding its use. Tyco Electronics
only obligations are those in the Standard Terms and Conditions of Sale for this product and in no case will Tyco Electronics be liable for any incidental, indirect or
consequential damages arising from the sale, resale, use or misuse of the product. Tyco Electronics Specifications are subject to change without notice. In addition
Tyco Electronics reserves the right to make changes in materials or processing, without notification to the Buyer, which do not affect compliance with any applicable
specification.
Tyco/Electronics/Raychem
306 Constitution Drive
Menlo Park, CA 94025
U.S.A
Tel: (650)-361 3333
Tyco/Electronics/Raychem
Cheney Manor Industrial Estate
Swindon, Wiltshire SN2 2QE
UK
Tel: (44)-1793 573762
Tyco/Electronics/Raychem
3816 Noborito, Tama-ku
Kawasaki 214-8533
Japan
Tel: (81)-44 9005102
Tyco/Electronics/Raychem
No. 26 Ang Mo Kio Ind. Park
Singapore 569507
Tel: (65)-4866151
Raychem and CGAT are trademarks of Tyco Electronics Corporation.
Approvals
Performance
Specifications
UL E 85381
Test
Test method
Test requirement
Tensile strength:
ISO 37
9 MPa (min)
Ultimate elongation:
ISO 37
200% (min)
Heat shock:
4 h at 150°C
Pass - no dripping, cracking or flowing of outer wall
Heat ageing:
168 h at 125°C
Pass - no dripping, cracking or flowing of outer wall
Low temperature flexibility: 4 h at -55°C
Pass - no cracking
Dielectric strength:
IEC 243
12 MV/m (min)
Fluid resistance:
24 h at 23°C, ISO 37
Tensile strength:
5 MPa (min)
Ultimate elongation:
200% (min)
Test fluids:
Petrol 100 octane
Engine oil (SAE 20W/50)
Hydraulic fluid (SAE J1703)
For full product performance details consult Raychem Specification RW 2050.
Raychem Specification RW 2050.
Material Safety Data Sheet available on request.
Installation instructions available on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com