Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD13003 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJD13003
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJD13003 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJD13003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJD13003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJD13003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
MJD13003
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 10mA; IB= 0
400
--
--
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 0.5 A ;IB= 0.1A
--
--
0.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 1A ;IB= 0.25 A
TC= 100℃
--
--
1.0
1.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 1.5A ;IB= 0.5A
--
--
3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 0.5 A ;IB= 0.1A
--
--
1.0
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 1A ;IB= 0.25 A
TC= 100℃
--
--
1.2
1.1
V
ICBO
Collector Cutoff Current
VCB= 700V;IE= 0
TC= 100℃
--
--
1
5
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
--
--
1
mA
hFE-1
DC Current Gain
IC= 0.5 A; VCE= 2V
8
--
40
hFE-2
DC Current Gain
IC= 1A; VCE= 2V
5
--
25
HFE-1 Classifications
A
B
C
D
E
F
8-16
15-21
20-26
25-31
30-36
35-40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com