Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-421617XH-R1 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESD-R-421617XH-R1
Description  KEMET, ESD-R-H, EMI Cores, Noise Suppression
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-421617XH-R1 Datasheet(HTML) 1 Page - Kemet Corporation

  ESD-R-421617XH-R1 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click here for the 3D model.
Dimensions
 
D
42mm MAX
D2
16.7mm +/-1.0mm
T
17mm MAX
Packaging Specifications
 
Packaging
Tray, Box
Packaging Quantity
200
Typical Component Weight
57.4 g
General Information
 
Series
ESD-R-H
Style
Round - Toroidal
Cable Type
Round Cable
Description
EMI Core Solid, For Round Cables, Toroidal Cores
Features
High Heat Resistance, Cable Holding Mechanism
RoHS
Yes
Qualifications
UL94V-0
Case Color
White
Materials
Ni-Zn
Specifications
 
Temperature Range
-40/+120°C
Effective Frequency
500 MHz (FM Band Range)
ESD-R-421617XH-R1
Aliases (UECESDR4216R10)
KEMET, ESD-R-H, EMI Cores, Noise Suppression
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any
warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the
correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no
obligation or liability for the advice given or results obtained.
Generated 2/08/2024 - 307b5505-5ce1-4368-ae6c-b8ef7aa76be8
© 2006 - 2024 KEMET


Similar Part No. - ESD-R-421617XH-R1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-R-421617H-NC23 KEMET-ESD-R-421617H-NC23 Datasheet
54Kb / 1P
KEMET, ESD-R-NC23, EMI Cores, Commercial Grade
More results

Similar Description - ESD-R-421617XH-R1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-SR-S10M KEMET-ESD-SR-S10M Datasheet
57Kb / 1P
KEMET, ESD-SR, EMI Cores, Noise Suppression
ESD-SR-S38M KEMET-ESD-SR-S38M Datasheet
57Kb / 1P
KEMET, ESD-SR, EMI Cores, Noise Suppression
ESD-SR-S47M KEMET-ESD-SR-S47M Datasheet
57Kb / 1P
KEMET, ESD-SR, EMI Cores, Noise Suppression
ESD-SR-S57M KEMET-ESD-SR-S57M Datasheet
57Kb / 1P
KEMET, ESD-SR, EMI Cores, Noise Suppression
ESD-FPL-20-15 KEMET-ESD-FPL-20-15 Datasheet
60Kb / 1P
KEMET, ESD-FPL, EMI Cores, Noise Suppression
ESD-FPL-34-15 KEMET-ESD-FPL-34-15 Datasheet
60Kb / 1P
KEMET, ESD-FPL, EMI Cores, Noise Suppression
ESD-R-341616H-NC23 KEMET-ESD-R-341616H-NC23 Datasheet
54Kb / 1P
KEMET, ESD-R-NC23, EMI Cores, Noise Suppression
ESD-R-854626H-NC23 KEMET-ESD-R-854626H-NC23 Datasheet
54Kb / 1P
KEMET, ESD-R-NC23, EMI Cores, Noise Suppression
ESD-R-783926H-NC21-BT KEMET-ESD-R-783926H-NC21-BT Datasheet
65Kb / 1P
KEMET, ESD-R-NC, EMI Cores, Noise Suppression
ESD-R-1317426H-NC21-BT KEMET-ESD-R-1317426H-NC21-BT Datasheet
65Kb / 1P
KEMET, ESD-R-NC, EMI Cores, Noise Suppression
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com