Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS225 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS225
Description  OPEN OUT WINDOW VENT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS225 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS225 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GK42
16.5
WS247
*
*
*
SHEET
TD0012
CHECKED
BY
SJJ
The Parkside Group Limited
Unit 5 The Willow Centre
17 Willow Lane
Mitcham Surrey CR4 4NX
Email
Technical@Parksidegrp.co.uk
DATE
16.02.02
PROFILE
REF.
MILL FINISH
NAT. SILVER
ANODISED
BRZ /BLACK
ANODISED
HIPCA WHITE
P.P.C
RAL COLOUR
P.P.C
CS 225
66.81
105.55
136.15
103.01
112.85
CS225
STOCK LENGTH mm
6450
QUANTITY PER CARTON
6
GROSS WEIGHT KGS.
51
Technical Datasheet
NEW PROFILE – CS225 OPEN OUT WINDOW VENT
NOTE: PRICES SHOWN IN ITALICS DENOTE FINISHES NOT ALWAYS HELD IN STOCK AND MAY BE
SUBJECT TO SPECIAL PRICE AND/OR DELIVERY. PRICE ARE CORRECT AT 1
ST MARCH 2002
LIST PRICES PER UNIT LENGTH SHOWN IN £
This new profile is designed to be used as
an open out vent, top or side hung, on butt
hinges or friction hinges. The vent offers
increased cover to the inside allowing for
greater tolerances in manufacture and
installation.
The profile will accept cockspur handles
with 7mm offset or espagnolette locking
mechanisms
For further information please contact the
Comar Technical Department. Tel: 020 8685
9685 or email Technical@Parksidegrp.co.uk
ASSOCIATED PRODUCTS
WS016____ 16mm BUTT HINGE
HN0__XSLF 16mm FRICTION HINGE
ESP___XSLF ESPAGNOLETTE LOCKING
RODS
(see price list for full product codes)
NOT TO SCALE


Similar Part No. - CS225

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS225 CAMPBELL-CS225 Datasheet
591Kb / 2P
SDI-12 Temperature Sensor String
10/20/2021
More results

Similar Description - CS225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6310 ETC1-V6310 Datasheet
283Kb / 4P
Ultra Low Power 3-Pin Voltage Window Surveillance with Time-out
logo
D+H Mechatronic AG
SHD54 DH-SHD54 Datasheet
341Kb / 3P
Side-hung vent drives
SHD54-BSY DH-SHD54-BSY Datasheet
383Kb / 3P
Side-hung vent drives
logo
3M Electronics
3294 3M-3294 Datasheet
131Kb / 5P
3M™ Vent Tape
Jan-2006
394 3M-394 Datasheet
130Kb / 5P
3M™ Vent Tape 394
Jan-2006
logo
Pepperl+Fuchs Inc.
EPV-1-SA-00 PF-EPV-1-SA-00 Datasheet
526Kb / 4P
Enclosure protection vent
2014-04-09
logo
Pentair plc. All rights...
AVDR4NM PENTAIR-AVDR4NM Datasheet
369Kb / 4P
H20MIT VENT DRAINS
Spec-00542 J
logo
Amphenol Corporation
VENT-PS1XXX-XXXXX AMPHENOL-VENT-PS1XXX-XXXXX Datasheet
472Kb / 2P
M12*1.5 VENT
REV.F 2021/04/13
logo
Kendall Howard
1915-3-800-18 KENDALLHOWARD-1915-3-800-18 Datasheet
133Kb / 2P
OPEN FRAME SWING OUT, SINGLE-POST- 18U
logo
Lapp.
51730200 LAPP-51730200 Datasheet
128Kb / 1P
SKINDICHT® VENT
08.02.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com