Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM201212-R18K Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # CM201212-R18K
Description  SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM201212-R18K Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  CM201212-R18K Datasheet HTML 1Page - Bourns Electronic Solutions CM201212-R18K Datasheet HTML 2Page - Bourns Electronic Solutions CM201212-R18K Datasheet HTML 3Page - Bourns Electronic Solutions CM201212-R18K Datasheet HTML 4Page - Bourns Electronic Solutions CM201212-R18K Datasheet HTML 5Page - Bourns Electronic Solutions CM201212-R18K Datasheet HTML 6Page - Bourns Electronic Solutions CM201212-R18K Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications are subject to change without notice.
Chip Inductor - CM160808, CM100505 Series Laser-cut Winding
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part number
nH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM160808-1N5D
1.5
± 0.3nH
8
100
6000
0.07
500
CM160808-1N8D
1.8
± 0.3nH
8
100
6000
0.08
500
CM160808-2N2D
2.2
± 0.3nH
8
100
6000
0.09
500
CM160808-2N7D
2.7
± 0.3nH
8
100
6000
0.10
500
CM160808-3N3D
3.3
± 0.3nH
9
100
5500
0.12
500
CM160808-3N9J
3.9
±5%
9
100
5500
0.15
450
CM160808-4N7J
4.7
±5%
9
100
4800
0.17
450
CM160808-5N6J
5.6
±5%
9
100
4600
0.18
430
CM160808-6N8J
6.8
±5%
9
100
3550
0.20
430
CM160808-8N2J
8.2
±5%
9
100
3500
0.28
400
CM160808-10NJ
10
±5%
10
100
2800
0.32
400
CM160808-12NJ
12
±5%
10
100
2800
0.35
400
CM160808-15NJ
15
±5%
10
100
2500
0.41
350
CM160808-18NJ
18
±5%
10
100
2300
0.45
350
CM160808-22NJ
22
±5%
10
100
2000
0.50
300
CM160808-27NJ
27
±5%
10
100
2000
0.55
300
CM160808-33NJ
33
±5%
10
100
1800
0.60
300
CM160808-39NJ
39
±5%
11
100
1800
0.80
300
CM160808-47NJ
47
±5%
11
100
1800
0.95
250
CM160808-56NJ
56
±5%
12
100
1800
1.2
250
CM160808-68NJ
68
±5%
12
100
1500
1.3
250
CM160808-82NJ
82
±5%
12
100
1500
1.5
250
CM160808-R10J
100
±5%
12
100
1300
1.8
200
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part number
nH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM100505-1N0D
1.00
±0.3nH
8
100
6000
0.05
400
CM100505-1N2D
1.20
±0.3nH
8
100
6000
0.06
400
CM100505-1N5D
1.50
±0.3nH
8
100
6000
0.07
400
CM100505-1N8D
1.80
±0.3nH
8
100
6000
0.08
400
CM100505-2N2D
2.20
±0.3nH
8
100
6000
0.09
400
CM100505-2N7D
2.70
±0.3nH
8
100
5500
0.10
400
CM100505-3N3D
3.30
±0.3nH
8
100
5500
0.12
400
CM100505-3N9D
3.90
±0.3nH
8
100
5200
0.15
360
CM100505-4N7D
4.70
±0.3nH
8
100
4800
0.17
360
CM100505-5N6D
5.60
±0.3nH
8
100
4600
0.19
340
CM100505-6N8J
6.80
± 5%
8
100
4000
0.30
320
CM100505-8N2J
8.20
± 5%
8
100
3500
0.35
320
CM100505-10NJ
10.00
± 5%
8
100
2800
0.41
320
CM100505-12NJ
12.00
± 5%
8
100
2800
0.45
320
CM100505-15NJ
15.00
± 5%
8
100
2500
0.60
240
CM100505-18NJ
18.00
± 5%
8
100
2200
0.70
240
CM100505-22NJ
22.00
± 5%
8
100
2000
0.80
200
CM100505-27NJ
27.00
± 5%
8
100
1800
1.2
200
CM100505-33NJ
33.00
± 5%
8
100
1800
1.4
170
CM100505-39NJ
39.00
± 5%
8
100
1800
1.7
150
CM100505-47NJ
47.00
± 5%
8
100
1800
2.1
140



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com