Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM201212-R22K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CM201212-R22K
Description  SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM201212-R22K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CM201212-R22K Datasheet HTML 1Page - Bourns Electronic Solutions CM201212-R22K Datasheet HTML 2Page - Bourns Electronic Solutions CM201212-R22K Datasheet HTML 3Page - Bourns Electronic Solutions CM201212-R22K Datasheet HTML 4Page - Bourns Electronic Solutions CM201212-R22K Datasheet HTML 5Page - Bourns Electronic Solutions CM201212-R22K Datasheet HTML 6Page - Bourns Electronic Solutions CM201212-R22K Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications are subject to change without notice.
CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
Packaging Specifications
Packaging
Reel Dimensions
Model
A
B
W
F
E
P1
P2
P3
øD0
øD1
t1
t2
CM10
0.71 (.027) 1.21 (.047) 8.00 (.315) 3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059) 0.60 (.024)
0.27 (.011)
1.20 (.047)
CM16
1.00 (.039) 1.80 (.071) 8.00(.315)
3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059) 0.60 (.024)
0.27 (.011)
1.20 (.047)
CM20
1.45 (.057) 2.25 (.089) 8.00(.315)
3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059) 1.00 (.039)
0.25 (.010)
1.55 (.061)
CM25
2.40 (.094) 2.90 (.114) 8.00(.315)
3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059) 1.10 (.043)
0.25 (.010)
1.85 (.073)
CM32
2.80 (.110) 3.60 (.142) 8.00(.315)
3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059)
—
0.25 (.010)
2.40 (.094)
CM45
3.60 (.142) 4.90 (.193) 12.00(.472) 5.50 (.217) 1.75 (.069) 8.00 (.315)
2.00 (.079)
4.00 (.157)
1.50 (.059)
—
0.30 (.012)
3.50 (.138)
CM10, CM16, CM20, CM25, CM32
CM45
Model
A
B
C
D
E
W
CM10
178 (7.008)
60 min. 13 (.512)
21 (.827)
2 (.079)
9 (.354)
CM16
178 (7.008)
60 min. 13 (.512)
21 (.827)
2 (.079)
9 (.354)
CM20
178 (7.008)
60 min. 13 (.512)
21 (.827)
2 (.079)
9 (.354)
CM25
178 (7.008)
60 min. 13 (.512)
21 (.827)
2 (.079)
9 (.354)
CM32
178 (7.008)
60 min. 13 (.512)
21 (.827)
2 (.079)
9 (.354)
CM45
178 (7.008)
60 min. 13 (.512)
21 (.827)
2 (.079) 13 (.512)
Model
Quantity
Weight
CM10
10000 pcs
150g
CM16
3000 pcs
90g
CM20
3000 pcs
90g
Model
Quantity
Weight
CM25
2000 pcs
100g
CM32
2000 pcs
190g
CM45
500 pcs
100g
Soldering
Flow Soldering
Infra-red Soldering
Vapor-phase Soldering
Flow Soldering
260°C maximum for 5 seconds (2 wave solder method)
Infra-red
200°C for a maximum of 30 seconds. Peak of 240°C for a maximum of 5 seconds.
If the solder does not reflow simultaneously under each terminal, there may be a misalignment of the component on the
board. For this reason, it is recommended that the inductor be adhered to the board prior to reflow.
Vapor-phase
215°C for a maximum of 30 seconds.
10 seconds max.
260
°C
Preheat:
100 to 150
°
2 minutes
min.
Preheat:
100 to 150
°
2 minutes
min.
10 seconds max.
230
°C
200
°C
30 seconds max.
Preheat:
100 to 150
°
2 minutes
min.
10 seconds max.
220
°C
215
°C
30 seconds max.
B
A
W
D
C
E
P1
P2
P3
A
D1
DIA.
B
flDo
W
F
E
t2
t1
Tape running direction
Chip
Component
P1
P2
P3
A
B
flDo
W
F
E
t2
t1
Chip
Component
Tape running direction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com