Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM201212-R33K Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CM201212-R33K
Description  SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM201212-R33K Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CM201212-R33K Datasheet HTML 1Page - Bourns Electronic Solutions CM201212-R33K Datasheet HTML 2Page - Bourns Electronic Solutions CM201212-R33K Datasheet HTML 3Page - Bourns Electronic Solutions CM201212-R33K Datasheet HTML 4Page - Bourns Electronic Solutions CM201212-R33K Datasheet HTML 5Page - Bourns Electronic Solutions CM201212-R33K Datasheet HTML 6Page - Bourns Electronic Solutions CM201212-R33K Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications are subject to change without notice.
Chip Inductor - CM453232 Series Wirewound
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part number
uH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM453232-R10M
0.10
±20%
35
25.2
300
0.18
800
CM453232-R12M
0.12
±20%
35
25.2
280
0.2
770
CM453232-R15M
0.15
±20%
35
25.2
250
0.22
730
CM453232-R18M
0.18
±20%
35
25.2
220
0.24
700
CM453232-R22M
0.22
±20%
40
25.2
200
0.25
665
CM453232-R27M
0.27
±20%
40
25.2
180
0.26
635
CM453232-R33M
0.33
±20%
40
25.2
165
0.28
605
CM453232-R39M
0.39
±20%
40
25.2
150
0.30
575
CM453232-R47M
0.47
±20%
40
25.2
145
0.32
545
CM453232-R56M
0.56
±20%
40
25.2
140
0.36
520
CM453232-R68M
0.68
±20%
40
25.2
135
0.40
500
CM453232-R82M
0.82
±20%
40
25.2
130
0.45
475
CM453232-1R0K
1.0
±10%
50
7.96
100
0.50
450
CM453232-1R2K
1.2
±10%
50
7.96
80
0.55
430
CM453232-1R5K
1.5
±10%
50
7.96
70
0.60
410
CM453232-1R8K
1.8
±10%
50
7.96
60
0.65
390
CM453232-2R2K
2.2
±10%
50
7.96
55
0.70
380
CM453232-2R7K
2.7
±10%
50
7.96
50
0.75
370
CM453232-3R3K
3.3
±10%
50
7.96
45
0.80
355
CM453232-3R9K
3.9
±10%
50
7.96
40
0.90
330
CM453232-4R7K
4.7
±10%
50
7.96
35
1.00
315
CM453232-5R6K
5.6
±10%
50
7.96
33
1.10
300
CM453232-6R8K
6.8
±10%
50
7.96
27
1.2
285
CM453232-8R2K
8.2
±10%
50
7.96
25
1.4
270
CM453232-100K
10
±10%
50
2.52
20
1.6
250
CM453232-120K
12
±10%
50
2.52
18
2
225
CM453232-150K
15
±10%
50
2.52
17
2.5
200
CM453232-180K
18
±10%
50
2.52
15
2.8
190
CM453232-220K
22
±10%
50
2.52
13
3.2
180
CM453232-270K
27
±10%
50
2.52
12
3.6
170
CM453232-330K
33
±10%
50
2.52
11
4
160
CM453232-390K
39
±10%
50
2.52
10
4.5
150
CM453232-470K
47
±10%
50
2.52
10
5
140
CM453232-560K
56
±10%
50
2.52
9
5.5
135
CM453232-680K
68
±10%
50
2.52
9
6
130
CM453232-820K
82
±10%
50
2.52
8
7
120
CM453232-101K
100
±10%
40
2.52
8
8
110
CM453232-121K
120
±10%
40
0.796
6
8
110
CM453232-151K
150
±10%
40
0.796
5
9
105
CM453232-181K
180
±10%
40
0.796
5
9.5
102
CM453232-221K
220
±10%
40
0.796
4
10
100
CM453232-271K
270
±10%
40
0.796
4
12
92
CM453232-331K
330
±10%
40
0.796
3.5
14
85
CM453232-391K
390
±10%
40
0.796
3
18
80
CM453232-471K
470
±10%
40
0.796
3
26
62
CM453232-561K
560
±10%
30
0.796
3
30
50
CM453232-681K
680
±10%
30
0.796
3
30
50
CM453232-821K
820
±10%
30
0.796
2.5
35
30
CM453232-102K
1000
±10%
30
0.252
2.5
40
30
TIGHTER TOLERANCE AVAILABLE ON REQUEST. CONSULT FACTORY.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com