Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17511AEP/R2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC17511AEP/R2
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17511AEP/R2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC17511AEP/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17511AEP/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
17511A
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 5. tPLH, tPHL, and tPZH Timing
Figure 6. Low-Voltage Detection
tPLH
10%
EN, IN1, IN2
OUT1, OUT2
50%
90%
(GIN)
(GOUT)
(tSON)
tPHL
(tSOFF)
t
V
DDDET
0%
IM
50%
90%
VDDDETON
VDDDETOFF
t
V
DDDET
(<1.0
µA)
VDD
0.8 V/
1.5 V
2.5 V/3.5 V
Table 6. Truth Table
INPUT
OUTPUT
EN
IN1
IN2
GIN
OUT1
OUT2
GOUT
HH
H
X
L
L
X
HH
L
X
H
L
X
HL
H
X
L
H
X
HL
L
X
Z
Z
X
L
XXX
L
L
L
HX
XHX
X
L
HX
X
L
X
X
H
H = High.
L = Low.
Z = High impedance.
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com