Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1241 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1241
Description  Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1241 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1241 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1241 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1241 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon PNP Power Transistor
2SA1241
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=-1mA,IC=0
-5
--
--
V
V (BR)CEO
Collector-Emitter Breakdown Voltage
IC=-10mA, IB=0
-50
--
--
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC=-1mA ,IE=0
-50
--
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -50mA
--
--
-0.5
V
VBE(sat)
Base-emitter saturation voltage
IC= -1A; IB= -50mA
--
--
-1.2
V
ICBO
Collector Cutoff Current
VCB= -50V; IE= 0
--
--
-1.0
μ
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
--
--
-1.0
μ
A
hFE
DC Current Gain
IC= -0.5A; VCE= -2V
70
--
240
hFE
DC Current Gain
IC= -1.5A; VCE= -2V
40
--
--
fT
Transition frequency
VCE=-2V ,IC=-0.5A
100
MHz
Cob
Collector output capacitance
VCB=-10V ,IE=0,f=1MHz
40
pF
NOTE:Pulse test
hFE Classifications
O
Y
70-140
120-240



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com