Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTX40C Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SCTX40C
Description  40A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SCTX40C Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SCTX40C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SCTX40C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SCTX40C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SCTX40C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SCTX40C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2039, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SCT640C
SCT840C
SCT640/840 Series 40A SCRs
Circuit Diagram
Description
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Storage junction temperature range
Tstg
-
-40-150
℃
Operating junction temperature range
Tj
-
-40-125
℃
Repetitive peak off-state voltage(Tj=25℃)
VDRM
-
600/800
V
Repetitive peak reverse voltage(Tj=25℃)
VRRM
-
600/800
V
Non repetitive surge peak off-state voltage
VDSM
-
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
-
VRRM +100
V
RMS on-state current
I(TRMS)
TO-220C(TC=85℃)
40
A
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
-
460
A
I2t value for fusing (tp=10ms)
I2t
-
1060
A2s
Critical rate of rise of on-state current
(IG=2×IGT)
dI/dt
-
50
A/μs
Peak gate current
IGM
-
4
A
Average gate power dissipation
PG(AV)
-
1
W
Peak gate power
PGM
-
5
W
With high ability to withstand the shock loading of large current, SCT640/840 provide high dv/dt rate with strong
resistance to electromagnetic interference. They are especially recommended for use on solid state relay,
motorcycle, power charger, T-tools etc.
TO-220C


Similar Part No. - SCTX40C

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCTX1.33-33-2W MINI-SCTX1.33-33-2W Datasheet
328Kb / 2P
RF Transformer
SCTX1.33-33-2W+ MINI-SCTX1.33-33-2W+ Datasheet
328Kb / 2P
RF Transformer
logo
celduc-relais
SCTX1110 CELDUC-SCTX1110 Datasheet
81Kb / 2P
Three Phase Solid State Relays
logo
Mini-Circuits
SCTX2-93-2W MINI-SCTX2-93-2W Datasheet
315Kb / 2P
RF Transformer
SCTX2-93-2W+ MINI-SCTX2-93-2W+ Datasheet
315Kb / 2P
RF Transformer
More results

Similar Description - SCTX40C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYNX40-1 STMICROELECTRONICS-TYNX40-1 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
STMicroelectronics
TN4035-600G STMICROELECTRONICS-TN4035-600G Datasheet
85Kb / 5P
40A SCRs
Apr-2004
TYNX40 STMICROELECTRONICS-TYNX40_06 Datasheet
66Kb / 6P
40A SCRS
13-Feb-2006
logo
Nell Semiconductor Co.,...
40PT06AI NELLSEMI-40PT06AI Datasheet
906Kb / 5P
Stansard SCRs, 40A
40PT NELLSEMI-40PT_14 Datasheet
661Kb / 5P
Stansard SCRs, 40A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1240 JIEJIE-JCT1240 Datasheet
392Kb / 5P
40A SCRs
logo
Kersemi Electronic Co.,...
TN4035-600G KERSEMI-TN4035-600G Datasheet
420Kb / 5P
40A SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com