Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2012P3C Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AP2012P3C
Description  PHOTOTRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP2012P3C Datasheet(HTML) 2 Page - Kingbright Corporation

  AP2012P3C Datasheet HTML 1Page - Kingbright Corporation AP2012P3C Datasheet HTML 2Page - Kingbright Corporation AP2012P3C Datasheet HTML 3Page - Kingbright Corporation AP2012P3C Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF1594
REV NO: V.2
DATE: MAR/29/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP:1203000140
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
VBR CEO
Collector-to-Emitter Breakdown Voltage
30
-
-
V
IC=100uA
Ee=0mW/cm
2
VBR ECO
Emitter-to-Collector Breakdown Voltage
5
-
-
V
IE=100uA
Ee=0mW/cm
2
VCE (SAT)
Collector-to-Emitter Saturation Voltage
-
-
0.8
V
IC=2mA
Ee=20mW/cm
2
I CEO
Collector Dark Current
-
-
100
nA
VCE=10V
Ee=0mW/cm
2
TR
Rise Time (10% to 90% )
-
3
-
us
VCE = 5V
IC=1mA
RL=1000
Ω
TF
Fall Time (90% to 10% )
-
3
-
us
I (ON)
On State Collector Current
0.1
0.3
-
mA
VCE = 5V,
Ee=1mW/cm
2,
λ=940nm
2
θ1/2
Viewing Angle
-
120
-
deg
-
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Parameter
Max.Ratings
Collector-to-Emitter Breakdown Voltage
30V
Emitter-to-Collector Breakdown Voltage
5V
Power Dissipation at (or below) 25°C Free Air Temperature
100mW
Operating Temperature Range
-40°C ~ +85°C
Storage Temperature Range
-40°C ~ +85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com