Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237390 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 1237390
Description  SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237390 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 1237390 Datasheet HTML 8Page - PHOENIX CONTACT 1237390 Datasheet HTML 9Page - PHOENIX CONTACT 1237390 Datasheet HTML 10Page - PHOENIX CONTACT 1237390 Datasheet HTML 11Page - PHOENIX CONTACT 1237390 Datasheet HTML 12Page - PHOENIX CONTACT 1237390 Datasheet HTML 13Page - PHOENIX CONTACT 1237390 Datasheet HTML 14Page - PHOENIX CONTACT 1237390 Datasheet HTML 15Page - PHOENIX CONTACT 1237390 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SACC-BP-F-M12-THR PP - Housing screw connection
1027662
https://www.phoenixcontact.com/us/products/1027662
Housing screw connection, Socket, M12-Push-Pull, Rear mounting, M16, THR-
und Wellenlötkontakte, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)
SACC-FP-F-M12-THR PP - Housing screw connection
1027678
https://www.phoenixcontact.com/us/products/1027678
Housing screw connection, Socket, M12-Push-Pull, Front mounting, M14 x 1,
THR- und Wellenlötkontakte, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb <0.1%)
Phoenix Contact 2024 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237390
https://www.phoenixcontact.com/us/products/1237390
Jan 15, 2024, 7:33 AM
Page 16 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com