Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65531-D-R26 Datasheet(PDF) 3 Page - EPCOS

Part # B65531-D-R26
Description  In accordance with IEC 60133
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65531-D-R26 Datasheet(HTML) 3 Page - EPCOS

  B65531-D-R26 Datasheet HTML 1Page - EPCOS B65531-D-R26 Datasheet HTML 2Page - EPCOS B65531-D-R26 Datasheet HTML 3Page - EPCOS B65531-D-R26 Datasheet HTML 4Page - EPCOS B65531-D-R26 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
326 08/01
Mounting assembly for printed circuit boards
I The set comprises a terminal carrier and a yoke
I For snap-in connection
Terminal carrier
I With thread for the adjusting screw (to be combined with core version ”D“)
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Yoke
Spring yoke, made of tinned nickel silver (0,25 mm), with ground terminal
4 solder terminals
8 solder terminals
Complete mounting assembly
(4 solder terminals)
Ordering code: B65535-B2
Complete mounting assembly
(8 solder terminals)
Ordering code: B65535-B3
1) 1,3 hole also permissible
a) Yoke
b) Terminal carrier with 4 solder terminals
c) Terminal carrier with 8 solder terminals
FPK0293-D
12,3 max.
2
3
1
4
ø0,5
3
2
4
1
2,54
Erdungspunkt
Erdungsanschluß
M1,4
Gewindeführung für
Abgleichschraube
a
b
FPK0294-L
12,3 max.
ø0,5
8
2,54
Erdungsanschluß
M1,4
Gewindeführung für
Abgleichschraube
3
a
c
41
2
7
6
8
5
5
1
4
Erdungspunkt
Hole arrangement
View in mounting
direction
Ground
M1,4
Thread for
adjusting screw
Ground terminal
Hole arrangement
View in mounting
direction
Ground
M1,4
Thread for
adjusting screw
Ground terminal
B65535
Accessories
P 11
× 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com