Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS500 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MS500
Description  Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MS500 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MS500 Datasheet HTML 1Page - Diotec Semiconductor MS500 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MS40 ... MS500
Characteristics
Kennwerte
Max. average forward rectified current
Dauergrenzstrom
TA = 50°C
R-load
C-load
IFAV
IFAV
0.5 A 1)
0.4 A 1)
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 0.5 A
VF
< 1.2 V 2)
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 10 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 70 K/W1)
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
CL [µF]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
Rt [Ω]
MS40
1250
4.0
MS80
625
8.0
MS125
400
12.5
MS250
166
30.0
MS380
125
40.0
MS500
100
50.0
1
Mounted on P.C. Board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Valid per diode – Gültig pro Diode
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current versus ambient temperature
Zul. Richtstrom in Abh. von der Umgebungstemp.
150
100
50
0
[°C]
T
A
120
100
80
60
40
20
0
[%]
I
FAV
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
0.8
1.0
1.2 1.4
1.8
[V]
V
F
T = 25°C
j
T = 125°C
j
20a-(0.5a-1.2v)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com