Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1593-252 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1593-252
Description  Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1593-252 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1593-252 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1593-252 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1593-252 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon PNP Power Transistor
2SA1593
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1.0A; IB= -0.1A
--
--
-0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -1.0A; IB= -0.1A
--
--
-1.2
V
V(BR)CEO
Collector-Emitter Breakdown Voltage IC= -1mA; IB= 0
-100
--
--
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -10uA; IC= 0
-6
--
--
V
ICBO
Collector Cutoff Current
VCB= -100V; IE= 0
--
--
-100
nA
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
--
--
-100
nA
hFE
DC Current Gain
IC= -0.1A; VCE= -5V
100
--
400
COB
Output Capacitance
IE= 0; VCB= -10V; f= 1.0MHz
--
25
--
pF
fT
Current-Gain—Bandwidth Product
IC= -0.1mA; VCE= -10V
--
120
--
MHz
hFE Classifications
R
S
T
100-200 140-280 200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com