Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1205 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB1205
Description  Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1205 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1205 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1205 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB1205 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon PNP Power Transistor
2SB1205
www.iscsemi.com
1
DESCRIPTION
·
Large current capacity
·
Low collector-to-emitter saturation voltage
·
Fast switching speed
APPLICATIONS
·
Strobe,voltage regulations,relay drivers,lamp drivers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-25
V
VCEO
Collector-Emitter Voltage
-20
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-5
A
ICP
Collector Current-Pulse
-8
A
IB
Base Current-Continuous
-0.5
A
PC
Collector Power Dissipation
@ TC=25℃
10
W
Collector Power Dissipation
@ Ta=25℃
1.0
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SB1205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1205 SANYO-2SB1205 Datasheet
92Kb / 3P
Strobe High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SB1205 KEXIN-2SB1205 Datasheet
46Kb / 2P
Strobe High-Current Switching Applications
logo
Inchange Semiconductor ...
2SB1205 ISC-2SB1205 Datasheet
322Kb / 3P
Silicon PNP Power Transistor
2SB1205-251 ISC-2SB1205-251 Datasheet
322Kb / 3P
Silicon PNP Power Transistor
logo
Guangdong Kexin Industr...
2SB1205-R KEXIN-2SB1205-R Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SB1205

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com