Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8014 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 125 page
background image
56F8014 Technical Data, Rev. 9
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 0
Initial release
Rev 1
Updates to Part 10, Specifications,
Table 10-1, added maximum clamp current, per pin
Table 10-11, clarified variation over temperature table and graph
Table 10-15, added LIN slave timing
Rev 2
Added alternate pins to Figure 11-1 and Table 11-1.
Rev 3
Corrected bit selects in Timer Channel 3 Input (TC3_INP) bit 9, Section 6.3.1.7, clarified
Section 1.4.1, and simplified notes in Table 10-9,
Rev 4
Added clarification on sync inputs in Section 1.4.1, added voltage difference specification to
Table 10-1 and Table 10-4, deleted formula for Ambient Operating Temperature in Table 10-4,
and a note for pin group 3, corrected Table 8-1, error in Port C peripheral function configuration,
updated notes in Table 10-9. Added RoHs and “pb-free” language to back cover.
Rev 5
Updates to Section 10
Table 10-5, corrected max values for ADC Input Current High and Low; corrected typ value for
pull-up disabled Digital Input Current Low (a)
Table 10-6, corrected typ and added max values for Standby > Stop and Powerdown modes
Table 10-7, corrected min value for Low-Voltage Interrupt for 3.3V
Table 10-11, corrected typ and max values and units for PLL lock time
Table 10-12, corrected typ values for Relaxation Oscillator output frequency and variation over
temperature (also increased temp range to 150 degreesC) and added variation over
temperature from 0—105 degreesC
Updated Figure 10-5
Table 10-19, updated max values for Integral Non-Linearity full input signal range, Negative
Differential Non-Linearity, ADC internal clock, Offset Voltage Internal Ref, Gain Error and Offset
Voltage External Ref; updated typ values for Negative Differential Non-Linearity, Offset Voltage
Internal Ref, Gain Error and Offset Voltage External Ref; added new min values and corrected
typ values for Signal-to-noise ratio, Total Harmonic Distortion, Spurious Free Dynamic Range,
Signal-to-noise plus distortion, Effective Number of Bits
Rev 6
Added details to Section 1. Clarified language in State During Reset column in Table 2-3;
corrected flash data retention temperature in Table 10-4; moved input current high/low
toTable 10-19 and location of footnotes in Table 10-5; reorganized Table 10-19; clarified title of
Figure 10-1.
Rev. 7
• In Table 10-4, added an entry for flash data retention with less than 100 program/erase
cycles (minimum 20 years).
•In Table 10-6, changed the device clock speed in STOP mode from 8MHz to 4MHz.
•In Table 10-12, changed the typical relaxation oscillator output frequency in Standby mode
from 400kHz to 200kHz.
Rev. 8
In Table 10-19, changed the maximum ADC internal clock frequency from 8MHz to 5.33MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com