Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  CodeWarrior??Development Studio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8280 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The MPC8280 Evaluation System is a
simple yet powerful platform that enables
evaluation and development to begin even
before the target hardware is available. This
kit offers a solid platform for both hardware
and software engineers to use in evaluating
and prototyping designs that closely parallel
their final applications. The MPC8280
Evaluation System also gives software
engineers a live target on which to begin
developing and testing application code.
Like all Freescale™ evaluation systems, the
MPC8280 system comes complete with the
board, associated power supply and cables,
CodeWarrior™ Development Studio, and the
Precise/MQX™ RTOS with Real Time
Communication Stacks. This evaluation
system has been packaged so that you are
productive in as little as 30 minutes of
unpacking the kit.
CodeWarrior™ Development Studio
MPC8280 Evaluation System
Software Development Tools
MPC8280 Evaluation Board Features
> Freescale MPC8280ZU processor —
450 MHz
> 16 MB 64-bit wide, SDRAM
> 8 MB Flash
> 2 – 10/100-BaseT Ethernet
> 2 – RS232 ports
> USB – configurable as device or host
> SCC and SMC configured
> PCI bus interface and PCI card form
factor for easy use and insertion into
PCI slots
> Expansion header – TDM, I2C, SPI, SCC,
Address and 32-bit data
> Stand Alone Operation or Integrated
Operation in PCI Slot
> CD-ROM with design, reference and
complete documentation
> RedBoot™ on-board monitor
> WireTAP® JTAG/COP run control
> Power supply and cables
Precise/MQX™ and RTCS
Precise/MQX is a scalable real-time
operating system (RTOS) that is specifically
written to meet the design requirements of
embedded Internet, wireless, networking and
telecom applications.
> Small configurable size
> Fast, deterministic performance
> Portable adaptive technology
> Support for multiple configurations
> Complete set of protocol stacks from
physical layer through application layer
> Control of source code


Similar Part No. - MPC8280

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
PowerQUICC II Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8280 FREESCALE-MPC8280 Datasheet
1Mb / 80P
PowerQUICC II??Family Hardware Specifications
MPC8280 FREESCALE-MPC8280 Datasheet
9Mb / 1386P
PowerQUICC??II Family Reference Manual
MPC8280 FREESCALE-MPC8280 Datasheet
624Kb / 83P
MPC8280 PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results

Similar Description - MPC8280

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5206E FREESCALE-MCF5206E Datasheet
3Mb / 3P
CodeWarrior Development Studio for ColdFire짰 Architectures
MPC8250 FREESCALE-MPC8250 Datasheet
956Kb / 2P
CodeWarrior Development Studio
MPC852 FREESCALE-MPC852 Datasheet
1Mb / 2P
CodeWarrior Development Studio
CWX-HXX-SE FREESCALE-CWX-HXX-SE Datasheet
640Kb / 4P
CodeWarrior??Development Studio for Freescale??HCS12(X) Microcontrollers
logo
Cree, Inc
CXA2 CREE-CXA2 Datasheet
2Mb / 15P
XLamp Studio LED
Rev 0C
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
Soshin electric Co., Lt...
LP15MHZ-1553 SOSHIN-LP15MHZ-1553 Datasheet
110Kb / 1P
For Digital Studio
LP30MHZ-1551 SOSHIN-LP30MHZ-1551 Datasheet
89Kb / 1P
For Digital Studio
logo
Weidmuller
2660130000 WEIDMULLER-2660130000 Datasheet
58Kb / 2P
U-CREATE-STUDIO
November 4, 2021
logo
NXP Semiconductors
CWPWRARCHDTFS NXP-CWPWRARCHDTFS Datasheet
153Kb / 2P
CodeWarrior Development Studio v10.0 for Power Architecture® Technology
REV 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com