Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEBC-R3G4-ES-1-S-R3G4-ET Datasheet(PDF) 1 Page - Festo Corporation.

Part # NEBC-R3G4-ES-1-S-R3G4-ET
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

NEBC-R3G4-ES-1-S-R3G4-ET Datasheet(HTML) 1 Page - Festo Corporation.

  NEBC-R3G4-ES-1-S-R3G4-ET Datasheet HTML 1Page - Festo Corporation. NEBC-R3G4-ES-1-S-R3G4-ET Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBC-R3G4-ES-1-S-R3G4-ET
Part number: 8040455
General operating condition
Data sheet
Feature
Value
Cable designation
With label holder
Contact durability
50
Product weight
89.5 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Plug
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
RJ45 as per IEC 60603-7-3
Electrical connection 1, number of pins/wires
8
Electrical connection 1, occupied pins/wires
4
Electrical connection 1, type of mounting
Snap-locking
Electrical connection for input 1, connection pattern
00995653
Electrical connection 2, function
Control side
Electrical connection 2, design
Rectangular
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
RJ45 as per IEC 60603-7-3
Electrical connection 2, number of pins/wires
8
Electrical connection 2, occupied pins/wires
4
Electrical connection 2, type of mounting
Snap-locking
Electrical connection 2, connection pattern
00995653
DC operating voltage range
0 V ... 30 V
Current rating at 40° C
1.3 A
Surge resistance
0.8 kV
Note on surge resistance
Due to screening, a leakage flow of up to 20 mA is permissible.
Shield
yes
Transmission characteristics
In accordance with category 5, EN 50173, class D
According to category 5, ISO/IEC 11801, class D
Ethernet cable specification
Typ: CAT.5
Cable length
1 m
Cable characteristic
Suitable for energy chains
Connector cable test conditions
Flexural strength: as per Festo standard
Test conditions on request
Energy chain > 2 million cycles, bending radius 100 mm
Bending radius, fixed cable installation
≥40 mm
Bending radius, flexible cable installation
≥100 mm
5/13/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - NEBC-R3G4-ES-1-S-R3G4-ET

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
NEBC-A1W3-K-0.3-N-M12G5 FESTO-NEBC-A1W3-K-0.3-N-M12G5 Datasheet
85Kb / 2P
Connecting cable
NEBC-D12G4-ES-1-S-R3G4-ET FESTO-NEBC-D12G4-ES-1-S-R3G4-ET Datasheet
75Kb / 2P
Connecting cable
NEBC-D12G4-ES-3-S-R3G4-ET FESTO-NEBC-D12G4-ES-3-S-R3G4-ET Datasheet
75Kb / 2P
Connecting cable
NEBC-D12G4-ES-5-S-R3G4-ET FESTO-NEBC-D12G4-ES-5-S-R3G4-ET Datasheet
75Kb / 2P
Connecting cable
NEBC-F12G8-KH-1-N-S-F12G8 FESTO-NEBC-F12G8-KH-1-N-S-F12G8 Datasheet
83Kb / 2P
Connecting cable
More results

Similar Description - NEBC-R3G4-ES-1-S-R3G4-ET

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com