Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F801 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56F801
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F801 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56F801 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F801 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Serial Communications Interface (SCI) Signals
56F801 Technical Data, Rev. 16
Freescale Semiconductor
13
2.7 Serial Communications Interface (SCI) Signals
2.8 Analog-to-Digital Converter (ADC) Signals
2.9 Quad Timer Module Signals
Table 2-9 Serial Communications Interface (SCI0) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
TXD0
GPIOB0
Output
Input/Output
Input
Input
Transmit Data (TXD0)—SCI0 transmit data output
Port B GPIO—This pin is a General Purpose I/O (GPIO) pin that
can be individually programmed as an input or output pin.
After reset, the default state is SCI output.
1
RXD0
GPIOB1
Input
Input/Output
Input
Input
Receive Data (RXD0)—SCI0 receive data input
Port B GPIO—This pin is a General Purpose I/O (GPIO) pin that
can be individually programmed as an input or output pin.
After reset, the default state is SCI input.
Table 2-10 Analog to Digital Converter Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
4
ANA0-3
Input
Input
ANA0-3—Analog inputs to ADC, channel 1
4
ANA4-7
Input
Input
ANA4-7—Analog inputs to ADC, channel 2
1
VREF
Input
Input
VREF—Analog reference voltage for ADC. Must be set to
VDDA-0.3V for optimal performance.
Table 2-11 Quad Timer Module Signals
No. of
Pins
Signal
Name
Signal Type
State During
Reset
Signal Description
3
TD0-2
GPIOA0-2
Input/Output
Input/Output
Input
Input
TD0-2—Timer D Channel 0-2
Port A GPIO—This pin is a General Purpose I/O (GPIO) pin that
can be individually programmed as an input or output pin.
After reset, the default state is the quad timer input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com