Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM386SV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSM386SV
Description  MICROSPACE PC/104
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSM386SV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSM386SV Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital-Logic Solution Guide 2003
26
Digital-Logic Solution Guide 2003
26
MICROSPACE PC/104
386
Overview
Type
MSM386SN
MSM386SV
CPU
ELAN310
ELAN310
2nd Level Cache
--
Performance (MHz)
33
33
DRAM Min-Max (MB)
soldered 2, 4
soldered 2, 4
Onboard Flash (MB)
00
DiskOnChip Socket
✓
CompactFlash Socket
--
PCCard Interface
--
Mouse, Keyboard
✓✓
Keymatrix
8 x 16
8 x 16
Floppy Interface
✓✓
IDE Interface
✓ ISA
✓ ISA
Onboard IDE-Flash
✓✓
COM1
TTL, RS485
TTL, RS485
COM2
RS232C
RS232C
COM3
RS232C
RS232C
COM4
--
LPT1
✓✓
IrDA
--
USB
--
LAN
--
SCSI
--
Audio
--
Video Controller
-
SVGA 65545
Video Datapath
-
ISA
Video Memory
-1 MB
LCD Interface
Char-LCD 8 Bit
24 Bit TFT 5V
LCD Resolution
-
1024 x 768 x 25
Video Input
--
EEPROM Support
✓✓
Watchdog
✓✓
Power Normal
5V/270mA (4 MB) (typ.)
5V/570mA (4 MB) (typ.)
Power Suspend
5V/270mA (4 MB) (typ.)
5V/220mA (4 MB) (typ.)
Cooling Type
--
Operating Temp.
-25°C to +70°C
-25°C to +70°C
Extended Temp.
-40°C to +85°C
-40°C to +85°C
Weight (gr)
70
90
MTBF
> 200’000h
> 200’000h
Ordering Guide
with 2 MB DRAM
MSM386SN2
MSM386SV2
with 4 MB DRAM
MSM386SN4
MSM386SV4
with 8 MB DRAM
--
with 16 MB DRAM
--
Status
limited availability
limited availability
Änderungen vorbehalten / Subject to change!


Similar Part No. - MSM386SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM38S0000 ETC1-MSM38S0000 Datasheet
96Kb / 23P
0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
More results

Similar Description - MSM386SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM5865SEV ETC1-MSM5865SEV Datasheet
37Kb / 1P
MICROSPACE MSM586 PC/104 Processor Board with LAN VGA/LCD
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
PCX47 ADL-PCX47 Datasheet
223Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
MPCV800 ADL-MPCV800 Datasheet
188Kb / 2P
MICROSPACE PC Systems
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
logo
ADL Embedded Solutions
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
PC/104 Peripherals
ADLLVDSTTL ADL-ADLLVDSTTL Datasheet
291Kb / 6P
PC/104 Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com