Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC5103L Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KTC5103L
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KTC5103L Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KTC5103L Datasheet HTML 1Page - Inchange Semiconductor Company Limited KTC5103L Datasheet HTML 2Page - Inchange Semiconductor Company Limited KTC5103L Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
KTC5103L
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
--
--
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
--
--
1.2
V
ICBO
Collector Cutoff Current
VCB= 50V; IE= 0
--
--
10
μA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
--
--
10
μA
hFE-1
DC Current Gain
IC= 0.1A ; VCE= 1V
60
--
--
hFE-2
DC Current Gain
IC= 2A ; VCE= 1V
160
--
400
hFE-3
DC Current Gain
IC= 5A ; VCE= 2V
50
--
--
Switching times
ton
Turn-On Time
IC= 2A , IB1= -IB2= 0.2A,
RL= 5Ω,VCE= 10V
--
--
1.0
μs
toff
Turn-Off Time
--
--
2.5
μs
tstg
Storage Time
--
--
1.0
μs
hFE-2 Classifications
O
Y
160-320
200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com