Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD44H11-252 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJD44H11-252
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJD44H11-252 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJD44H11-252 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJD44H11-252 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
MJD44H11
DESCRIPTION
·
Low Collector-Emitter Saturation Voltage
: VCE(sat)= 1.0V(Max)@ IC = 8A
·
Fast Switching Speeds
·
Complement to Type MJD45H11
·
DPAK for Surface Mount Applications
APPLICATIONS
·
Designed for general purpose power amplification and
switching such as output or driver stages in applications
such as switching regulators,converters and power amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
16
A
PC
Collector Power Dissipation
@TC=25℃
20
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
6.25
℃
/W


Similar Part No. - MJD44H11-252

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11-001 ONSEMI-MJD44H11-001 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
MJD44H11-001 ONSEMI-MJD44H11-001 Datasheet
76Kb / 7P
Complementary Power Transistors
January, 2006 ??Rev. 7
MJD44H11-001G ONSEMI-MJD44H11-001G Datasheet
76Kb / 7P
Complementary Power Transistors
January, 2006 ??Rev. 7
logo
Motorola, Inc
MJD44H11-1 MOTOROLA-MJD44H11-1 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD44H11-1G ONSEMI-MJD44H11-1G Datasheet
132Kb / 9P
Complementary Power Transistors
August, 2012 ??Rev. 14
More results

Similar Description - MJD44H11-252

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com