Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMM104 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSMM104
Description  SOUNDCARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSMM104 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSMM104 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSMM104 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer
USA Distributor & Support Center
Representative
DIGITAL-LOGIC AG
Advanced Digital Logic, Inc.
Nordstrasse 4/F
4411 Morena Blvd., Suite 230
CH-4708 Luterbach
San Diego, CA 92117-4328
Switzerland
P: 858.490.0597 F: 858.490.0599
Email: sales@adlogic-pc104.com
http://www.adlogic-pc104.com
Technical Specifications
msmm104 rev11/01
Features
Functions
Remarks
General
Min. system requirements
486SLC; 486DX or Pentium
Power requirement
100% performance: 150 mA at 5V
Bus system
PC/104
104 pins
Size
3.6” x 3.8” x 0.6”
Operating Temp (Standard)
-25ºC to +70ºC
Extended Temp Range
-25ºC to +85ºC (available)
Storage Temp
-65ºC to +125ºC
Controller
AD1816 SoundPort
Clock Frequency
33MHz
EEPROM
yes
Directly soldered
Operating systems supported
Windows 3.1x, Windows NT 3.5,
yes to all
Windows NT 4.0, Windows 95
OS/2
Output
Line
2 watts speaker output
Input
Line
Microphone, CD
MSMM104



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com