Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5519B Datasheet(PDF) 3 Page - Silicon Supplies

Part # CD5519B
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD5519B Datasheet(HTML) 3 Page - Silicon Supplies

  CD5519B Datasheet HTML 1Page - Silicon Supplies CD5519B Datasheet HTML 2Page - Silicon Supplies CD5519B Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.siliconsupplies.com
0.5W Zener Diode - CD5538B to CD5546B
Rev 1.0
05/04/19
Electrical Characteristics T
A = 25°C unless otherwise stated
ZENER
VOLTAGE
RANGE
3
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
ZENER
4
IMPEDANCE
ZENER
REG
5
LOW VZ
CURRENT
MAX
CURRENT
NOISE
DENSITY
IZT
IR @ VR
ZZT @ IZT
∆VZ
IZL
IZM
ND @
250µA
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect
to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies
Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system
or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Assembled in DO-35 package. Performance in die form subject to assembly heat sinking and die attach methods.
3. No Suffix type numbers are ±20% with guaranteed limits for only VZ, lR, and VF. Units with “A” suffix are ±10% with guaranteed limits for VZ, lR,
and VF. Units with guaranteed limits for all six parameters are indicated by a “B” suffix for +5.0% units, “C” suffix for +2.0% and “D” suffix for +1.0%
4. Zener impedance is derived by superimposing on lZT a 60Hz rms AC current equal to 10% of lZT 5. ΔVZ is the maximum difference between VZ
@ IZT and VZ at IZL measured with the device junction in thermal equilibrium at an ambient temperature of +25° ± 3°C.
VZ @ IZT
DEVICE
µA
Ω
V
mA
mA
µV/√Hz
V
mA
V
Nom.
Max.
Typ.
Typ.
Max.
Max.
Max.
CD5540B
20.0
1.0
0.01
18.0
100
0.20
0.01
19
20
CD5541B
22.0
1.0
0.01
19.8
100
0.25
0.01
17
20
CD5542B
24.0
1.0
0.01
21.6
100
0.30
0.01
16
20
CD5543B
25.0
1.0
0.01
22.4
100
0.35
0.01
15
20
CD5544B
28.0
1.0
0.01
25.2
100
0.40
0.01
14
20
CD5545B
30.0
1.0
0.01
27.0
100
0.45
0.01
13
20
CD5546B
33.0
1.0
0.01
29.7
100
0.50
0.01
12
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com