Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD6312 Datasheet(PDF) 3 Page - Silicon Supplies

Part # CD6312
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD6312 Datasheet(HTML) 3 Page - Silicon Supplies

  CD6312 Datasheet HTML 1Page - Silicon Supplies CD6312 Datasheet HTML 2Page - Silicon Supplies CD6312 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.siliconsupplies.com
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect
to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies
Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system
or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Assembled in DO-35 package. Performance in die form subject to assembly heat sinking and die attach methods.
3. VZ(reg) = VZ @ 50% of IZM minus VZ @ 10% of IZM 4. Zener impedance is derived by superimposing on lZT a 60Hz rms AC current equal to 10% of lZT
5. 1-3 kHz
0.5W Zener Diode – CD6309 to CD6349
Rev 1.1
10/05/24
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
4
RESISTANCE
MAX
CURRENT
ZENER
REG
3
NOISE
DENSITY
5
VZ @ IZT1
IZT1
IZT2
IR @ VR
ZZ @
IZT1
ZZK @
IZT2
IZM
VZ(reg)
∆VZ
ND @
250µA
V
µA
Ω
mA
V
µV/√Hz
DEVICE
Min.
Nom.
Max.
mA
Max.
V
Max.
Max.
Typ.
Typ.
CD6332
20.90
22
23.10
5.6
0.25
0.05
17
20
500
19
1.05
100
CD6333
22.80
24
25.20
5.2
0.25
0.05
18
24
500
18
1.15
100
CD6334
25.65
27
28.35
4.6
0.25
0.05
21
27
500
16
1.30
100
CD6335
28.5
30
31.50
4.2
0.25
0.05
23
32
500
14
1.45
100
CD6336
31.35
33
34.65
3.8
0.25
0.05
25
40
600
13
1.60
100
CD6337
34.20
36
37.80
3.4
0.25
0.05
27
50
600
12
1.75
100
CD6338
37.05
39
40.95
3.2
0.25
0.05
30
55
700
11
1.90
100
CD6339
40.85
43
45.15
3.0
0.25
0.05
33
65
800
9.9
2.10
80
CD6340
44.65
47
49.35
2.7
0.25
0.05
36
75
900
9.0
2.25
80
CD6341
48.45
51
53.55
2.5
0.25
0.05
39
85
1000
8.3
2.50
80
CD6342
53.20
56
58.80
2.2
0.25
0.05
43
100
1200
7.6
2.70
80
CD6343
58.90
62
65.10
2.0
0.25
0.05
47
125
1300
6.8
2.90
80
CD6344
64.60
68
71.40
1.8
0.25
0.05
52
155
1500
6.3
3.20
80
CD6345
71.25
75
78.75
1.7
0.25
0.05
56
180
1600
5.7
3.40
80
CD6346
77.90
82
86.10
1.5
0.25
0.05
62
220
1800
5.2
3.80
80
CD6347
86.45
91
95.55
1.4
0.25
0.05
69
270
2100
4.7
4.20
80
CD6348
95.00
100
105.0
1.3
0.25
0.05
76
340
2400
4.3
4.40
80
CD6349
104.5
110
115.5
1.1
0.25
0.05
84
500
2800
3.9
4.80
80
Electrical Characteristics T
A = 25°C unless otherwise stated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com