Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD6313 Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD6313
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD6313 Datasheet(HTML) 2 Page - Silicon Supplies

  CD6313 Datasheet HTML 1Page - Silicon Supplies CD6313 Datasheet HTML 2Page - Silicon Supplies CD6313 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings1 T
A = 25°C unless otherwise stated
PARAMETER
0.5W Zener Diode – CD6309 to CD6349
Rev 1.1
10/05/24
SYMBOL
VALUE
UNIT
Power Dissipation
2
PTOT
500
mW
Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to +175
°C
Forward Voltage @ IF = 200mA
VF
1.1
V
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
MAX
CURRENT
ZENER
REG
3
NOISE
DENSITY
VZ @ IZT1
IZT1
IZT2
IR @ VR
ZZ @
IZT1
ZZK @
IZT2
IZM
VZ(reg)
∆VZ
ND @
250µA
V
DEVICE
µA
Ω
mA
V
µV/√Hz
mA
Min.
Nom.
Max.
Max.
V
Max.
Max.
Typ.
Typ.
CD6309
2.28
2.4
2.52
20
0.25
100
1.0
30
1200
177
1.0
1.0
CD6310
2.57
2.7
2.84
20
0.25
60
1.0
30
1300
157
1.0
1.0
CD6311
2.85
3
3.15
20
0.25
30
1.0
29
1400
141
1.0
1.0
CD6312
3.14
3.3
3.47
20
0.25
5.0
1.0
24
1400
128
1.0
1.0
CD6313
3.42
3.6
3.78
20
0.25
3.0
1.0
22
1400
109
1.0
1.0
CD6314
3.71
3.9
4.10
20
0.25
2.0
1.0
20
1700
118
1.0
1.0
CD6315
4.09
4.3
4.52
20
0.25
2.0
1.0
18
1400
99
0.9
1.0
CD6316
4.47
4.7
4.94
20
0.25
5.0
1.5
16
1500
90
0.5
1.0
CD6317
4.85
5.1
5.36
20
0.25
5.0
2.0
14
1300
83
0.4
1.0
CD6318
5.32
5.6
5.88
20
0.25
5.0
2.5
8
1200
76
0.4
2.0
CD6319
5.89
6.2
6.51
20
0.25
5.0
3.5
3
800
68
0.3
5.0
CD6320
6.46
6.8
7.14
20
0.25
2.0
4.0
3
400
63
0.35
5.0
CD6321
7.13
7.5
7.88
20
0.25
2.0
5.0
4
400
57
0.4
5.0
CD6322
7.79
8.2
8.61
20
0.25
1.0
6.0
5
400
52
0.4
20
CD6323
8.65
9.1
9.56
20
0.25
1.0
7.0
6
500
47
0.5
40
CD6324
9.5
10
10.5
20
0.25
1.0
8.0
6
500
43
0.5
80
CD6325
10.45
11
11.55
20
0.25
1.0
8.5
7
550
39
0.5
100
CD6326
11.4
12
12.6
20
0.25
1.0
9.0
7
550
35
0.55
100
CD6327
12.35
13
13.65
9.5
0.25
0.05
9.9
8
550
33
0.55
100
CD6328
14.25
15
15.75
8.5
0.25
0.05
11
10
600
28
0.70
100
CD6329
15.2
16
16.8
7.8
0.25
0.05
12
12
600
27
0.75
100
CD6330
17.1
18
18.9
7.0
0.25
0.05
14
14
600
24
0.85
100
CD6331
19
20
Page 2 of 3
www.siliconsupplies.com
21
6.2
0.25
0.05
15
18
500
21
0.95
100
Electrical Characteristics T
A = 25°C unless otherwise stated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com