Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56364 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # DSP56364
Description  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button DSP56364 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56364 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
Pin-Out and Package Information
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
4-3
Table 4-1 DSP56364 100-Pin TQFP Signal Identification by Pin Number
Pin
No.
Signal Name
Pin
No.
Signal Name
Pin
No.
Signal Name
Pin
No.
Signal Name
1
MODD/IRQD
26
SCK/SCL
51
A3
76
D1
2
MODB/IRQB
27
HREQ
52
A4
77
D2
3
MODA/IRQA
28
PINIT/NMI
53
A5
78
D3
4
FST
29
RESET
54
A6
79
VCCD
5
FSR
30
No Connect
55
VCCA
80
GNDD
6
SCKT
31
VCCP
56
GNDA
81
D4
7
SCKR
32PCAP
57A7
82D5
8
VCCS
33
GNDP
58
A8
83
D6
9
GNDS
34
EXTAL
59
A9
84
D7
10
HCKT
35
VCCHQ
60
A10
85
No Connect
11
VCCLQ
36
GNDQ
61
VCCHQ
86
No Connect
12
GNDQ
37
VCCLQ
62
A11
87
VCCLQ
13
HCKR
38
TA
63
VCCA
88
GNDQ
14
SDO0
39
CAS
64
GNDA
89
VCCHQ
15
VCCHQ
40
WR
65
GNDQ
90
No Connect
16
SDO1
41
RD
66
VCCLQ
91
GPIO0
17
SDO2/SDI3
42
VCCC
67
A12
92
VCCS
18
SDO3/SDI2
43
GNDC
68
A13
93
GNDS
19
SDO4/SDI1
44
AA1/RAS1
69
A14
94
GPIO1
20
SDO5/SDI0
45
AA0/RAS0
70
A15
95
GPIO2
21
VCCS
46
A0
71
VCCA
96
GPIO3
22
GNDS
47
A1
72
GNDA
97
TDO
23
SS/HA2
48
VCCA
73
A16
98
TDI
24
MOSI/HA0
49
GNDA
74
A17
99
TCK
25
MISO/SDA
50
A2
75
D0
100
TMS
Note: Signal names are based on configured functionality. Most pins supply a single signal. Some pins provide a signal
with dual functionality, such as the MODx/IRQx pins that select an operating mode after RESET is deasserted,
but act as interrupt lines during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com