Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC04WM Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC04WM
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC04WM Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC04WM Datasheet HTML 1Page - Balluff Korea Ltd. BCC04WM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC VA04-M413-3E-664-PX0350-050
Order Code: BCC04WM
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 241536
ETIM 6.0: EC001855
BCC04WM_0.98_2023-12-20
1 / 2
Basic features
Approval/Conformity
CE
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PUR black, 5 m, drag chain
compatible
Cable diameter D
4.60 mm ±0.20 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
0.50 mm²
Connection 1
A, DIN-0°/180°-Valve connector,
angled, 4-pin
Connection 2
M12x1-Male, straight, 3-pin, A-
coded
Number of conductors
3
System
Molded/Molded
Electrical data
Operating voltage Ub
24 VDC / 24 VAC
Rated current (40 °C)
4.0 A
Suppressor
Suppressor diode
Environmental conditions
Cable temperature, drag chain
-25...60 °C
Cable temperature, fixed routing
-50...80 °C
Cable temperature, flexible routing
-25...80 °C
IP rating
IP67/IP67, IP69K
Material
Cable jacket, material
PUR
Material contact carrier
PA 6.6/TPU
Material contacts
Brass/Bronze
Material cover nut
Brass
nickel-plated
Material grip
PUR/PUR
Material locking screw
Steel


Similar Part No. - BCC04WM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC04W0 BALLUFF-BCC04W0 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.75_2022-04-13
BCC04W1 BALLUFF-BCC04W1 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.72_2022-04-14
BCC04W2 BALLUFF-BCC04W2 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.7_2022-04-14
BCC04W3 BALLUFF-BCC04W3 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.71_2022-04-14
BCC04W4 BALLUFF-BCC04W4 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.66_2022-04-14
More results

Similar Description - BCC04WM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com