Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56853 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56853 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56853 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Introduction
56853 Technical Data, Rev. 6
Freescale Semiconductor
13
73
D0
Input/Output(Z)
Data Bus (D0-D15)—These pins provide the bidirectional data for
external program or data memory accesses.
86
D1
87
D2
88
D3
89
D4
90
D5
107
D6
108
D7
109
D8
110
D9
111
D10
122
D11
123
D12
126
D13
127
D14
128
D15
7
RD
Output
Read Enable (RD) —is asserted during external memory read cycles.
This signal is pulled high during reset.
8
WR
Output
Write Enable (WR)— is asserted during external memory write
cycles.
This signal is pulled high during reset.
75
CS0
GPIOA0
Output
Input/Output
External Chip Select (CS0)—This pin is used as a dedicated GPIO.
Port A GPIO (0) —This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
76
CS1
GPIOA1
Output
Input/Output
External Chip Select (CS1)—This pin is used as a dedicated GPIO.
Port A GPIO (1) —This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
77
CS2
GPIOA2
Output
Input/Output
External Chip Select (CS2)—This pin is used as a dedicated GPIO.
Port A GPIO (2) —This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
78
CS3
GPIOA3
Output
Input/Output
External Chip Select (CS3)—This pin is used as a dedicated GPIO.
Port A GPIO (3)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
Table 3-1. 56853 Signal and Package Information for the 128-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com