Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56852 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56852
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56852 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Introduction
56852 Technical Data, Rev. 8
Freescale Semiconductor
13
C4
MISO
GPIOC4
SRCK
Input/Output
Input/Output
Input/Output
SPI Master In/Slave Out (MISO)—This serial data pin is an input to a
master device and an output from a slave device. The MISO line of a
slave device is placed in the high-impedance state if the slave device is
not selected.
Port C GPIO (4)—This pin is a General Purpose I/O (GPIO) pin that
can individually be programmed as input or output pin.
SSI Serial Receive Clock (SRCK)—This bidirectional pin provides the
serial bit rate clock for the receive section of the SSI. The clock signal
can be continuous or gated.
C5
MOSI
GPIOC5
SRFS
Input/
Output (Z)
Input/Output
Input/Output
SPI Master Out/Slave In (MOSI)—This serial data pin is an output from
a master device and an input to a slave device. The master device
places data on the MOSI line a half-cycle before the clock edge that the
slave device uses to latch the data.
Port C GPIO (5)—This pin is a General Purpose I/O (GPIO) pin that
can individually be programmed as input or output pin.
SSI Serial Receive Frame Sync (SRFS)— This bidirectional pin is
used to count the number of words in a frame while receiving. A
programmable frame rate divider and a word length divider are used for
frame rate sync signal generation.
A1
IRQA
Input
External Interrupt Request A (IRQA)—The IRQA Schmitt trigger input
is a synchronized external interrupt request that indicates that an
external device is requesting service. It can be programmed to be
level-sensitive or negative-edge- triggered.
C2
IRQB
Input
External Interrupt Request B (IRQB)—The IRQB Schmitt trigger input
is an external interrupt request that indicates that an external device is
requesting service. It can be programmed to be level-sensitive or
negative-edge-triggered.
A6
EXTAL
Input
External Crystal Oscillator Input (EXTAL)—This input should be
connected to an external crystal. If an external clock source other than a
crystal oscillator is used, EXTAL must be tied off.
A7
XTAL
Input/Output
Crystal Oscillator Output (XTAL)—This output connects the internal
crystal oscillator output to an external crystal. If an external clock source
other than a crystal oscillator is used, XTAL must be used as the input.
Table 3-1. 56852 Signal and Package Information for the 81-pin MAPBGA (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com