Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTB Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MTB
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MTB Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MTB Datasheet HTML 1Page - RUBYCON CORPORATION MTB Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TC
TX, TH TL, TJ
TN
TS
RATED VOLTAGE : 250VDC
DIMENSIONS AND QUANTITY
: Tolerance (J:
5%, K:
10%)
** : Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
250MTB104
**
250MTB124
**
250MTB154
**
250MTB184
**
250MTB224
**
250MTB274
**
250MTB334
**
250MTB394
**
250MTB474
**
250MTB564
**
250MTB684
**
250MTB824
**
250MTB105
**
250MTB125
**
250MTB155
**
250MTB185
**
250MTB225
**
250MTB275
**
250MTB335
**
250MTB395
**
250MTB475
**
250MTB565
**
250MTB685
**
250MTB825
**
250MTB106
**
400MTB104
**
400MTB124
**
400MTB154
**
400MTB184
**
400MTB224
**
400MTB274
**
400MTB334
**
400MTB394
**
400MTB474
**
400MTB564
**
400MTB684
**
400MTB824
**
400MTB105
**
400MTB125
**
400MTB155
**
400MTB185
**
400MTB225
**
400MTB275
**
400MTB335
**
400MTB395
**
400MTB475
**
AB
CF
1.0 LS
0.5
d
Bag
Carton
AB, D
C
E
10.3
10.3
10.3
12.8
12.8
12.8
12.8
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
25.5
25.5
25.5
25.5
25.5
25.5
31.0
31.0
31.0
31.0
6.0
6.0
6.0
5.0
5.5
6.5
6.5
5.0
5.5
5.5
6.0
6.5
7.0
7.5
8.5
7.0
8.0
9.0
10.0
11.0
12.5
11.0
12.5
14.0
16.0
10.0
10.0
11.5
11.0
11.5
12.0
13.0
11.0
11.5
13.0
13.5
14.0
14.5
16.5
17.0
16.5
17.0
18.0
19.0
20.0
21.5
22.0
23.5
24.5
26.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
27.5
27.5
27.5
27.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
22.5
22.5
22.5
-
-
-
-
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
200
100
100
100
100
100
200
200
200
200
200
200
100
100
100
100
50
50
6,000
6,000
5,000
5,000
5,000
4,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
800
800
500
500
500
400
400
300
1,000
1,000
1,000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1,000
1,000
1,000
1,000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
400
400
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
400
400
400
300
-
-
-
-
-
-
-
-
-
-
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
Long Lead type
Taping Ammo pack type - style
S
1,000
1,000
1,000
500
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
TC
TX, TH TL, TJ
TN
TS
RATED VOLTAGE : 400VDC
: Tolerance (J:
5%, K:
10%)
** : Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
AB
CF
1.0 LS
0.5
d
Bag
Carton
AB, D
C
E
12.8
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
25.5
25.5
25.5
25.5
25.5
31.0
31.0
31.0
31.0
31.0
31.0
31.0
6.0
5.5
6.0
6.5
5.5
6.0
6.5
7.0
7.5
6.0
6.5
7.0
7.5
8.5
8.5
9.0
10.5
12.0
13.0
14.5
16.0
9.5
9.0
9.0
9.5
12.5
13.0
13.5
14.5
16.0
15.0
15.5
16.5
18.5
18.5
19.0
20.0
21.0
22.0
24.0
25.0
27.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
27.5
27.5
27.5
27.5
27.5
27.5
27.5
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
22.5
22.5
-
-
-
-
-
-
-
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
100
100
100
100
100
200
200
200
200
200
200
100
100
100
50
50
50
4,000
4,000
4,000
3,000
3,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
800
800
500
500
500
400
400
300
1,000
1,000
1,000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1,000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
400
400
400
-
-
-
-
-
-
-
-
-
-
-
-
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
Long Lead type
Taping Ammo pack type - style
S
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
METALLIZED POLYESTER FILM CAPACITORS
MTB
10.0
cap(
µF)
cap(
µF)
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com