Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1450737 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1450737
Description  Motor cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1450737 Datasheet(HTML) 1 Page - Festo Corporation.

  1450737 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor cable
NEBM-S1W9-E-2.5-Q5-LE6
Part number: 1450737
General operating condition
Data sheet
Feature
Value
Cable designation
Without label holder
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Angled
Electrical connection 1, connection technology
Sub-D
Electrical connection 1, number of pins/wires
9
Electrical connection 1, occupied pins/wires
6
Electrical connection for input 1, connection pattern
00995638
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, connection technology
Open end
Electrical connection 2, number of pins/wires
6
Electrical connection 2, occupied pins/wires
6
DC operating voltage range
0 V ... 72 V
Nominal operating voltage DC
24 V
Shield
yes
Cable length
2.5 m
Cable characteristic
Suitable for energy chains
Bending radius, flexible cable installation
≥62 mm
Cable diameter
6.2 mm
Cable design
6 x 0.34 mm²
Nominal conductor cross section
0.34 mm²
Wire ends
Cable end sleeve
Degree of protection
IP65
Note on degree of protection
In mounted state
Ambient temperature
-40 °C ... 80 °C
Ambient temperature with flexible cable installation
-5 °C ... 80 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Material of cable sheath
TPE-U(PUR)
Color cable sheath
Gray
5/19/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 1450737

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1450736 FESTO-1450736 Datasheet
74Kb / 1P
Motor cable
1450738 FESTO-1450738 Datasheet
74Kb / 1P
Motor cable
1450739 FESTO-1450739 Datasheet
74Kb / 1P
Motor cable
More results

Similar Description - 1450737

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
VCR Capstan Motor Brushless Motor Driver
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
Qualtek Electronics Cor...
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
Rohm
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
List of Unclassifed Man...
HT23-598C ETC2-HT23-598C Datasheet
160Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT23-601C ETC2-HT23-601C Datasheet
185Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT34-506C ETC2-HT34-506C Datasheet
152Kb / 3P
NEMA 34 Step Motor with 10 Foot Shielded Cable
logo
MinebeaMitsumi Inc.
PPN13 MINEBEAMITSUMI-PPN13 Datasheet
101Kb / 1P
Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com