Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF151 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # DF151
Description  1.5A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF151 Datasheet(HTML) 3 Page - Won-Top Electronics

  DF151 Datasheet HTML 1Page - Won-Top Electronics DF151 Datasheet HTML 2Page - Won-Top Electronics DF151 Datasheet HTML 3Page - Won-Top Electronics DF151 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
3
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
420 x 12 x 10
50
470 x 145 x 75
2,500
495 x 245 x 180
7,500
6.0
DF150 – DF1510
WON-TOP ELECTRONICS
®
~
~
-
+
Note: 1. Anti-static tube, water clear color.
BULK
DF15x
DF15x
= Device Number
x
= 0, 1, 2, 4, 6, 8, 10
Polarity
= As Marked on Body



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com