Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM42-0040 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM42-0040
Description  GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0040 Datasheet(HTML) 2 Page - Tyco Electronics

  AM42-0040 Datasheet HTML 1Page - Tyco Electronics AM42-0040 Datasheet HTML 2Page - Tyco Electronics AM42-0040 Datasheet HTML 3Page - Tyco Electronics AM42-0040 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs MMIC VSAT Power Amplifier, 2.0 W
5.9 - 6.4 GHz
AM42-0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Typical Bias Configuration
4,5,6,7,8
Absolute Maximum Ratings
1,2,3
Parameter
Absolute Maximum
Input Power
+23 dBm
VDD
+12 Volts
VGG
-3 Volts
VDD - VGG
+12 Volts
IDD
1700 mA
Channel Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
2.
M/A-COM does not recommend sustained operation near
these survivability limits.
3.
Case Temperature (TC) = +25°C.
Electrical Specifications: TA = 25°C, VDD = +9 V, VGG adjusted for IDD = 1050 mA
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
PIN < -10 dBm
dB
27
30
—
Input VSWR
PIN < -10 dBm
Ratio
—
2.3:1
2.7:1
Output VSWR
PIN < -10 dBm
Ratio
—
3.0:1
—
Output Power
PIN = +10 dBm, IDD = 1050 mA Typ.
dBm
31.7
33.0
34.5
Output Power vs. Frequency
PIN = +10 dBm, IDD = 1050 mA Typ.
dB
—
1.0
1.5
Output Power vs. Temperature
(with respect to TA = 25°C)
PIN = +10 dBm, IDD = 1050 mA Typ.
TA = -40°C to +70°C
dB
—
±0.4
—
Drain Bias Current
PIN = +10 dBm
mA
900
1050
1100
Gate Bias Voltage
PIN = +10 dBm, IDD = 1050 mA Typ.
V
-2.4
-1.2
-0.4
Gate Bias Current
PIN = +10 dBm, IDD = 1050 mA Typ.
mA
—
5
20
Thermal Resistance
25°C Heat Sink
°C/W
—
5.6
—
Second Harmonic
PIN = +10 dBm, IDD = 1050 mA Typ.
dBc
—
-35
—
Third Harmonic
PIN = +10 dBm, IDD = 1050 mA Typ.
dBc
—
-45
—
VDET
V
2
—
—
4.
Nominal bias is obtained by first connecting -2.4 volts to
pin 5 (VGG), followed by connection +9 volts to pin 10 (VDD).
Note sequence. Adjust VGG for a drain current of 1050 mA
typical.
5.
RF ground and thermal interface is the flange (case bot-
tom). Adequate heat sinking is required.
6.
No DC bias voltage appears at the RF ports.
7.
For optimum IP3 performance, the VDD bypass capacitors
should be placed within 0.5 inches of the VDD leads.
8.
Resistor and capacitors surrounding the amplifier are
suggestions and not included as part of the AM42-0040.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com