Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM50-0011 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0011
Description  High Dynamic Range LNA, 800-1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0011 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0011 Datasheet HTML 1Page - Tyco Electronics AM50-0011 Datasheet HTML 2Page - Tyco Electronics AM50-0011 Datasheet HTML 3Page - Tyco Electronics AM50-0011 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Dynamic Range LNA,
800 - 1000 MHz
AM50-0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
2
Electrical Specifications: TA = 25°C, Z0 = 50Ω, F = 900 MHz, PIN = -20 dBm,
Supply Voltage = 5V
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
800 - 1000 MHz
dB
15.8
16.8
17.8
Noise Figure
800 - 1000 MHz
dB
—
0.95
1.3
Output P1 dB
800 - 1000 MHz
dBm
—
14
—
Input IP3
800 - 1000 MHz
dBm
10
13.5
—
Input VSWR
800 - 1000 MHz
—
—
1.5
—
Output VSWR
800 - 1000 MHz
—
—
1.7
—
Supply Current
800 - 1000 MHz
mA
—
40
60
4. All measurements are taken into a 50 Ohm system unless otherwise specified.
Component List
Part
Value
Case Size
Manufacturer
L1
6.8 nH
0402
Coilcraft
L2
68 nH
0402
Coilcraft
C1
1000 pF
0402
Murata
C2
3.9 pF
0402
Murata
C3
100 pF
0402
Murata
C4, C5
0.1 µF
0402
Murata
Application Schematic
SOT-26 Plastic Package
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com