Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS820-600B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TS820-600B
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TS820-600B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TS820-600B Datasheet HTML 1Page - Inchange Semiconductor Company Limited TS820-600B Datasheet HTML 2Page - Inchange Semiconductor Company Limited TS820-600B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Thyristors
TS820-600B
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VTM
On-state Voltage
ITM= 16A
--
--
1.6
V
IGT
Gate-trigger Current
VD= 12V, RL= 140Ω
--
--
0.2
mA
VGT
Gate-trigger Voltage
VD= 12V, RL= 140Ω
--
--
0.8
V
IH
Holding Current
IT= 50mA
--
--
5
mA
dv/dt
Critical Rate of Rise of Off-state
Voltage
VD= 0.67VDRM , Tj= 125℃
5
--
--
V/us
PACKAGE OUTLINE(Dimensions in mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com