Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2002 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML2002
Description  Static/Half Duty LCD COG Driver with Real Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML2002 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P1/13
Preliminary, November 2008
ML2002 Preliminary
ML2002 Series Static/Half Duty LCD COG Driver
Application
General Purpose Clock
High quality instrument
Telephone, mobile phone
Automotive
Handheld Device like PDA, MP3, or
PMP
Features
AGoldBumpChipwhichcanreducepincountandarea.
Simplestdesignwithnochargepumptosupplyhighvoltageto
LCD
Only5pinisneededwhichcanreducespace.
Lowoperatingcurrent
Candisableinternalclocktoreducecurrent.
Wide Logic & LCD power supply: 2.5V to 6.0V
No need to add external voltage regulator
Staticor1/2Dutydrivingwith1/2Bias
Number of segments: (Static) 48, (1/2 Duty) 96
Cascading structure to increase the number of driving
segments, it’s more flexible for different application.
Build-in LCD voltage driver, crystal oscillator,
internal RC oscillator and display control circuit.
OfferbestcontrastandwidestviewingangleofTNLCD
technologyespeciallyinstaticmode.
NotemperaturecompensationisneededforTopr=-40oCto80oC.
ML2002 (COG) LCD driver can be cascaded to increase the number of segments drive, with Static
driving it can form a single piece of 48 (1 ICs) or 96 (2 ICs cascaded) segments driver. With 1/2 Duty, the
number of segment drive would be doubled. It targets at custom TN LCD COG Module product which
requires the best quality of TN LCD technology and small to medium number of segment display.
ML2002 series driver offers the best contrast, the widest viewing angle, the widest range of operating
voltage and temperature when compared to the high duty cycle driver. EMI and Noise protection circuit
has been added which tailor made for COG application.
General Description
Ordering Information
Part Number
Description
Package Form
ML2002-1U
One ML2002 LCD driver
Gold Bump Die
ML2002-2U
Two ML2002 LCD driver
Gold Bump Die


Similar Part No. - ML2002

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML2002-1U MINILOGIC-ML2002-1U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
ML2002-2U MINILOGIC-ML2002-2U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
ML2002 MINILOGIC-ML2002_11 Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
More results

Similar Description - ML2002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
logo
Minilogic Device Corpor...
ML1001 MINILOGIC-ML1001 Datasheet
644Kb / 14P
ML1001 Series Static LCD COG Driver
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002_11 Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com