Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM55-0016 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM55-0016
Description  Switched Low Noise Amplifier 800 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0016 Datasheet(HTML) 2 Page - Tyco Electronics

  AM55-0016 Datasheet HTML 1Page - Tyco Electronics AM55-0016 Datasheet HTML 2Page - Tyco Electronics AM55-0016 Datasheet HTML 3Page - Tyco Electronics AM55-0016 Datasheet HTML 4Page - Tyco Electronics AM55-0016 Datasheet HTML 5Page - Tyco Electronics AM55-0016 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Switched Low Noise Amplifier
800 - 1000 MHz
AM55-0016
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, F = 881 MHz, PIN = -30 dBm, VDD = 2.7 V, IDD = 10 mA
Parameter
Test Conditions
Units
Min.
Typ.
Max.
HIGH GAIN STATE, Voltage control = 2.7 volts
Gain
dB
—
16
—
Noise Figure
dB
—
1.6
1.8
Input IP3
IDD = 10 mA, VDD = 2.7 V
IDD = 25 mA, VDD = 2.7 V
dBm
dBm
—
—
-2
+3
—
—
Input VSWR / Output VSWR
—
—
2.0:1
Reverse Isolation
dB
—
32
—
LOW GAIN STATE, Voltage control = 0 volts
Insertion Loss
1DD = 100 µA
dB
—
5
—
Input IP3
dBm
—
+24
—
Input VSWR
—
—
2.3:1
—
Output VSWR
—
—
2.0:1
—
Handling Procedures
Please observe the following precautions to avoid
damage.
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Evaluation Board
The DC connector on the Designer’s Kit PCB
allows convenient DC line access.
This is
accomplished by one or more of the following
methods:
1. A mating female multi-pin connector (Newark
Electronics Stock # 46F-4658, not included).
2. Wires soldered to the necessary pins (not
included).
3. Clip leads (not included).
Evaluation PCB + RF Connector Losses
Port Reference
Approximate RF Loss
RF IN
0.15 dB @ 900 MHz
RF OUT
0.15 dB @ 900 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com