Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-123PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-123PIN
Description  High Performance Amplifier, 10 dB Gain 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-123PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-123PIN Datasheet HTML 1Page - Tyco Electronics AM-123PIN Datasheet HTML 2Page - Tyco Electronics AM-123PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
#
$
"%
! & ' (()
*+()
&
&
,
-
.
&/ .
.
=
> 5*1
3
-/
0''
0')
+ :
?
@
3
@
@
A'.
=
2
$
@
3
@
@
A0 '
0 3
9
3
3
50)
50-
@
@
@
@
4
+
@
3
3
@
@
@
@
. 1
1 1
?
$
@
3
@
0&
01
2<B ?
@
?
?
@
@
@
@
* 1%0
*%0
9*
$
$
50' 3
3
3
5((
5/'
@
@
@
@
9(
$
$
50' 3
3
3
5**
5(*
@
@
@
@
2"
@
28
50/ 1
501 '
501 1
"
2"
C 501 '28
@
)*
.1
9
8
> 501 2 3
B
@
-('
@
0
/
1' D7
1 1'' D7
1 1'' D7
1 1'' D7
0' ('' D7
1 1'' D7
0' ('' D7
1 1'' D7
1 1'' D7
0' /'' D7
1 1'' D7
0' ('' D7
1 1'' D7
0' ('' D7
@
@
@
*
501 28 !
1'
( D
<
%
"
-1;
D
:
0 B
"
0
/
1 234
#
5
5
#"
5
5
# "
5
5
#""
5
5
1
'*0 )--
( 01 01& &
'00 0.0 (
'01 -* &
0'
'00 &0 1
( 0. 0.* *
'00 0.1 '
'') 00) 0
*'
''& && 1
( 0& 0.& /
'0* 0.0 .
''/ 0(-&
1'
'') 0'& /
( 0. 0)* -
'0( 01--
''( 0./ .
0''
''1 0** &
( 0/ 0/* &
'0( 0/0 /
''/ 0)( -
*''
''1 0/0 &
( 00 0'/ &
'0( 0'* 0
''/ 00-/
(''
''. 011 /
( '-)) -
'0* )/ -
'0/ 00/ )
/''
'01 0.. *
( '& *) .
'00 *. (
'** 01( *
1''
'*'010 (
( '1 *0 -
''- *'-
'*1 &( /
#



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com