Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-143PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-143PIN
Description  Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-143PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-143PIN Datasheet HTML 1Page - Tyco Electronics AM-143PIN Datasheet HTML 2Page - Tyco Electronics AM-143PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.& ())**))
#
$ %//0-'& 1./*'' + ,%//0-'& 1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
!
*
%
&
$'
( ))*"
+ )*" "
"
,
-
.
/ .
.
<
= 5*1
3
01 (
01 &
0)(
+ 9
>
?
3
?
?
@0 '
<
2
$
?
3
?
?
@'&
0 3
6
3
5/
?
?
4
+
?
3
?
?
?
?
( 1
* .
>
$
?
3
?
*0
0)
2;A >
?
>
?
?
* 1%0
6*
$
$
0' 3
3
5*/
?
?
6(
$
$
0' 3
3
50)
?
?
2"
?
2B
50/1
501 '
501 1
"
2"
C 501 '2B
?
0(
01
6
B
= 501 2 3
A
?
*''
?
0
/
1' D8
1 1'' D8
1 1'' D8
1 1'' D8
1 1'' D8
1 0'' D8
1 1'' D8
1 1'' D8
1 1'' D8
1 1'' D8
?
?
?
*
501 2B !
1'
0
/
1 234
%
5
65
%$
5
5
% $
5
5
%$$
5
5
1
'*' )'.
1 -' 0)0 '
''- 0)'1
'(* */-
0'
'0* )( &
)'. 0.0 &
''- 0.* )
'*. */-
*'
''- )1 (
)0) 0.-&
'0'0.& -
'*) 0./
1'
'0' &* .
)'& 0).1
'0'0))(
'*1 *& '
0''
'0/ 0'0 '
)')01( (
'0'01'1
'*) /-(
*''
'*0 0(')
)''0*).
'0'00-&
'*) &* (
(''
'*( 0/-*
)'0 0''-
'0'-( )
'*/ 0'/1
/''
'*' 011 1
)'-.'.
'0')./
'** 0''1
1''
'** 0/* -
)00 ()&
'0'/( (
'*' .-&
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com