Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-145PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-145PIN
Description  High Performance Amplifier, 11dB Gain 10 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-145PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-145PIN Datasheet HTML 1Page - Tyco Electronics AM-145PIN Datasheet HTML 2Page - Tyco Electronics AM-145PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.& ())**))
#
$ %//0-'& 1./*'' + ,%//0-'& 1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
*
%
&
$'
#
( ))*"
+ )*" "
"
,
-
.
/ .
.
=
> 5*1
3
0'0
0'.
00 (
+ :
?
@
3
@
@
A0 '
=
2
$
@
3
@
@
A0 '!'&
0 3
6
3
3
50/
50.
@
@
@
@
4
+
@
3
3
@
@
@
@
11
/'
?
$
@
3
@
0( 1
00 '
2<B ?
@
?
?
@
@
@
@
(%0
*%0
6*
$
$
51 3
3
5(&
@
@
6(
$
$
5/ 3
3
5*)
@
@
2"
@
29
50/1
501'
5011
"
2"
C 501'29
@
1'
)'
6
9
> 5012 3
B
@
.1'
@
0
/
('' D8
0' 0''' D8
0' 0''' D8
0' 0''' D8
0'' 0''' D8
0' 0''' D8
0' 1'' D8
0' 0''' D8
0' 0''' D8
0' 1'' D8
0' 0''' D8
0' 0''' D8
@
@
@
*
50129 !
1'
( D
<
%
"
-1;
D
:
'&B
"
0
/
1 234
%
5
5
%$
5
5
% $
5
5
%$$
5
5
0'
''( 1-'
( 1( 0)'&
'*0 0)& )
''/)'/
*'
''* 0'.&
( /* 0.0 (
'** 0.1/
''/-/1
1'
''( &0 -
( /( 0.-'
'** 0..(
''/&( /
0''
''/111
( /.0.0 (
'** 0.'0
''1)0 1
*''
''.('*
( /& 01.*
'** 01.1
''& ()*
/''
'0' 0& )
( 1'0(0 &
'** 0(/(
'00 0 1
)''
'0/ )/0
( 1/0')-
'*( 000 &
'0/ (* 0
&''
'0. 001-
( /-&* 0
'*( -')
'0) )* '
0'''
'*0 0)* -
( 10 111
'*( )-(
'0& &--
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com