Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC10PS Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC10PS
Description  10A SINGLE PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC10PS Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC10PS Datasheet HTML 1Page - Won-Top Electronics KBPC10PS Datasheet HTML 2Page - Won-Top Electronics KBPC10PS Datasheet HTML 3Page - Won-Top Electronics KBPC10PS Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Diffused Junction
Low Reverse Leakage Current
Low Power Loss, High Efficiency
Heatsink Integrated Epoxy Case for
-
Maximum Heat Dissipation
~
Low Thermal Resistance
~
High Surge Current Capability
+
Recognized File # E157705
Mechanical Data
Case: Epoxy Case with Heatsink Internally
Mounted in the Bridge Encapsulation
Terminals: Plated Faston Lugs
Polarity: As Marked on Case
Mounting: Through Hole with #10 Screw
Mounting Torque: 2.0 N.m Max.
Weight: 20 grams (approx.)
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC10
Characteristic
Symbol
00PS
01PS
02PS
04PS
06PS
08PS
10PS
12PS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
1200
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
V
Average Rectified Output Current @TC = 55°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
250
A
Forward Voltage per leg
@IF = 5.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
500
µA
I
2t Rating for Fusing (t < 8.3ms)
I
2t
260
A
2s
Typical Junction Capacitance (Note 1)
CJ
200
pF
Typical Thermal Resistance (Note 2)
RθJC
1.9
°C/W
RMS Isolation Voltage, t = 1min
VISO
2500
V
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case, mounted on 152 x 56 x 56mm Al. heatsink.
KBPC10PS SERIES
10A SINGLE PHASE BRIDGE RECTIFIER
WON-TOP ELECTRONICS
®
KBPC-PS
Dim
Min
Max
A
28.40
28.70
B
—
10.16
C
21.00
22.50
D
9.00
10.00
E
—
25.40
G
5.08Ø Nominal
H
6.35 Typical
J
0.71
0.91
K
2.5Ø Typical
All Dimension in mm
D
A
D
C
C
G
H
J
E
B
K


Similar Part No. - KBPC10PS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10P WTE-KBPC10P_V01 Datasheet
56Kb / 4P
10A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - KBPC10PS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC10 WTE-KBPC10_06 Datasheet
54Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10S WTE-KBPC10S Datasheet
66Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBU1000 WTE-KBU1000_06 Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
MP1000 WTE-MP1000_06 Datasheet
46Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000 WTE-PB1000_06 Datasheet
60Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1005 TAITRON-TB1005 Datasheet
177Kb / 4P
10A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com