Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC600 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC600
Description  6.0A SINGLE PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC600 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC600 Datasheet HTML 1Page - Won-Top Electronics KBPC600 Datasheet HTML 2Page - Won-Top Electronics KBPC600 Datasheet HTML 3Page - Won-Top Electronics KBPC600 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Diffused Junction
High Current Capability
H
High Case Dielectric Strength
G
High Surge Current Capability
+
~
Ideal for Printed Circuit Board Application
E
A
Plastic Material has UL Flammability 94V-0
~
-
Recognized File # E157705
Mechanical Data
Case: KBPC-6, Molded Plastic
D
C
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Marked on Body
B
Weight: 3.8 grams (approx.)
A
Mounting Position: Through Hole for #6 Screw
Mounting Torque: 0.8 N.m Max.
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
600
KBPC
601
KBPC
602
KBPC
604
KBPC
606
KBPC
608
KBPC
610
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
Average Rectified Output Current (Note 2) @TA = 40°C
IO
6.0
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
150
A
Forward Voltage per leg
@IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
I
2t Rating for Fusing (t < 8.3ms)
I
2t
127
A
2s
Typical Junction Capacitance (Note 3)
CJ
186
90
pF
Thermal Resistance Junction to Ambient (Note 2)
Thermal Resistance Junction to Case (Note 1)
RθJA
RθJC
22
7.3
°C/W
RMS Isolation Voltage Terminals to Case, t = 1min
VISO
1500
V
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Mounted on 140 x 150 x 3.0mm thick Al. heatsink.
2. Mounted on PCB with 12 x 12mm copper pads and measured at lead length 9.5mm from case.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
KBPC600 – KBPC610
6.0A SINGLE PHASE BRIDGE RECTIFIER
WON-TOP ELECTRONICS
®
KBPC-6
Dim
Min
Max
A
14.70
15.75
B
5.80
6.90
C
15.00
—
D
1.00 Ø Typical
E
1.70
2.72
Hole for #6 screw
G
3.60 Ø
4.00 Ø
H
10.30
11.30
All Dimensions in mm


Similar Part No. - KBPC600

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
KBPC600 DIOTEC-KBPC600 Datasheet
229Kb / 2P
Silicon-Bridge Rectifiers
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
45Kb / 4P
6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC600 DIOTEC-KBPC600 Datasheet
131Kb / 2P
Silicon-Bridge-Rectifiers
More results

Similar Description - KBPC600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA60 SANYO-DBA60 Datasheet
26Kb / 2P
6.0A Single-Phase Bridge Rectifier
DBF60 SANYO-DBF60 Datasheet
48Kb / 2P
6.0A Single-Phase Bridge Rectifier
DBF60T SANYO-DBF60T Datasheet
43Kb / 2P
6.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A_06 Datasheet
76Kb / 4P
6.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC600 WTE-KBPC600_06 Datasheet
45Kb / 4P
6.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU600 WTE-KBU600_06 Datasheet
57Kb / 4P
6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB605 TAITRON-TB605 Datasheet
176Kb / 4P
6.0A Single-Phase Silicon Bridge Rectifier
logo
Sanyo Semicon Device
DBF60 SANYO-DBF60_09 Datasheet
85Kb / 2P
6.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF60G ONSEMI-DBF60G Datasheet
696Kb / 2P
6.0A Single-Phase Bridge Rectifier
June, 2014
logo
Sangdest Microelectroni...
GBJ6005 SMC-GBJ6005 Datasheet
294Kb / 4P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com