Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-182PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-182PIN
Description  Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-182PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-182PIN Datasheet HTML 1Page - Tyco Electronics AM-182PIN Datasheet HTML 2Page - Tyco Electronics AM-182PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.& ())**))
#
$ %//0-'& 1./*'' + ,%//0-'& 1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
! "
*
%
&
$'
#
( ))*"
+ )*" "
"
,
-
.
/ .
.
4
? <*1
3
*.*
*& *
*-*
+ ;
@
A
3
A
A
B0 *
4
2
$
A
3
A
A
B0 *
0 3
:
3
<-
A
A
6
+
A
3
A
A
/1
@
$
A
3
A
()
(*
2>C @
A
@
A
A
* '%0
:*
$
$
' 3
3
<*&
A
A
:(
$
$
' 3
3
<0&
A
A
2"
A
28
<0/1
<01'
<011
"
2"
D <01'28
A
//
1'
:
8
? <012 3
C
A
))'
A
0
/
('' E9
1 0''' E9
1 0''' E9
1 0''' E9
1 0''' E9
1 0''' E9
1 0''' E9
1 0''' E9
1 0''' E9
A
A
A
*
<0128 !
1'
( E
>
%
"
-1=
E
;
&'' C
"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com