Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-184PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-184PIN
Description  Cascadable Thin Film Amplifier 20 dB Gain, 10 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-184PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-184PIN Datasheet HTML 1Page - Tyco Electronics AM-184PIN Datasheet HTML 2Page - Tyco Electronics AM-184PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.& ())**))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
! "
*
%
&
$'
#
( ))*"
+ )*" "
"
,
-
.
/ .
.
5
? <*1
3
0-'
*''
*0 '
+ ;
@
A
3
A
A
B0 1
5
2
$
A
3
A
A
B0 1
0 3
7
3
<0'
A
A
C
+
A
3
A
A
)'
@
$
A
3
A
('
*.
2>D @
A
@
A
A
* '%0
7*
$
$
' 3
3
<('
A
A
7(
$
$
' 3
3
<*'
A
A
2"
A
29
<0/ 1
<01'
<011
"
2"
E <01'29
A
1*
)'
7
9
? <012 3
D
A
.&'
A
0
/
0''' 4:
0' *''' 4:
0' *''' 4:
0' *''' 4:
0' *''' 4:
0' *''' 4:
0' *''' 4:
0' *''' 4:
0' *''' 4:
A
A
A
*
<0129 !
1'
( 4
>
%
"
-1=
4
;
0 'D
"
0
/
1 234
%
5
5
%$
5
5
% $
5
5
%$$
5
5
0'
'0( 0.0 1
0'(( )*
''( / 1
'0'&'.
*'
'0* 0.1-
0'0& '(
''( * &
''& /.*
/'
'0* 0./ )
0'/& / )
''( 0 /
''& .*
0''
'0* 0)1'
0'10 01.
''( 0 &
'') (& -
*''
'0* 0/-0
0'/* (* /
''( / &
''1 .)/
1''
'0* 0'10
0'0( .-&
''( 0* 0
'0' 0(0 0
0'''
'0* -&
-)' 01)/
''( *.*
'0* 0.( 1
01''
'0/ --&
-1( 0*)1
''* 10 1
'0/ &-(
*'''
'*& 0.)-
-)( 1( /
''0 .1'
'(' 0/* .
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com